Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 44 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 40Page - Intel Corporation 313079-001 Datasheet HTML 41Page - Intel Corporation 313079-001 Datasheet HTML 42Page - Intel Corporation 313079-001 Datasheet HTML 43Page - Intel Corporation 313079-001 Datasheet HTML 44Page - Intel Corporation 313079-001 Datasheet HTML 45Page - Intel Corporation 313079-001 Datasheet HTML 46Page - Intel Corporation 313079-001 Datasheet HTML 47Page - Intel Corporation 313079-001 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
Land Listing
44
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
D02#
A4
Source Sync
Input/Output
D45#
E22
Source Sync
Input/Output
D03#
C6
Source Sync
Input/Output
D46#
D22
Source Sync
Input/Output
D04#
A5
Source Sync
Input/Output
D47#
G22
Source Sync
Input/Output
D05#
B6
Source Sync
Input/Output
D48#
D20
Source Sync
Input/Output
D06#
B7
Source Sync
Input/Output
D49#
D17
Source Sync
Input/Output
D07#
A7
Source Sync
Input/Output
D50#
A14
Source Sync
Input/Output
D08#
A10
Source Sync
Input/Output
D51#
C15
Source Sync
Input/Output
D09#
A11
Source Sync
Input/Output
D52#
C14
Source Sync
Input/Output
D10#
B10
Source Sync
Input/Output
D53#
B15
Source Sync
Input/Output
D11#
C11
Source Sync
Input/Output
D54#
C18
Source Sync
Input/Output
D12#
D8
Source Sync
Input/Output
D55#
B16
Source Sync
Input/Output
D13#
B12
Source Sync
Input/Output
D56#
A17
Source Sync
Input/Output
D14#
C12
Source Sync
Input/Output
D57#
B18
Source Sync
Input/Output
D15#
D11
Source Sync
Input/Output
D58#
C21
Source Sync
Input/Output
D16#
G9
Source Sync
Input/Output
D59#
B21
Source Sync
Input/Output
D17#
F8
Source Sync
Input/Output
D60#
B19
Source Sync
Input/Output
D18#
F9
Source Sync
Input/Output
D61#
A19
Source Sync
Input/Output
D19#
E9
Source Sync
Input/Output
D62#
A22
Source Sync
Input/Output
D20#
D7
Source Sync
Input/Output
D63#
B22
Source Sync
Input/Output
D21#
E10
Source Sync
Input/Output
DBI0#
A8
Source Sync
Input/Output
D22#
D10
Source Sync
Input/Output
DBI1#
G11
Source Sync
Input/Output
D23#
F11
Source Sync
Input/Output
DBI2#
D19
Source Sync
Input/Output
D24#
F12
Source Sync
Input/Output
DBI3#
C20
Source Sync
Input/Output
D25#
D13
Source Sync
Input/Output
DBR#
AC2
Power/Other
Output
D26#
E13
Source Sync
Input/Output
DBSY#
B2
Common Clk
Input/Output
D27#
G13
Source Sync
Input/Output
DEFER#
G7
Common Clk
Input
D28#
F14
Source Sync
Input/Output
DP0#
J16
Common Clk
Input/Output
D29#
G14
Source Sync
Input/Output
DP1#
H15
Common Clk
Input/Output
D30#
F15
Source Sync
Input/Output
DP2#
H16
Common Clk
Input/Output
D31#
G15
Source Sync
Input/Output
DP3#
J17
Common Clk
Input/Output
D32#
G16
Source Sync
Input/Output
DRDY#
C1
Common Clk
Input/Output
D33#
E15
Source Sync
Input/Output
DSTBN0#
C8
Source Sync
Input/Output
D34#
E16
Source Sync
Input/Output
DSTBN1#
G12
Source Sync
Input/Output
D35#
G18
Source Sync
Input/Output
DSTBN2#
G20
Source Sync
Input/Output
D36#
G17
Source Sync
Input/Output
DSTBN3#
A16
Source Sync
Input/Output
D37#
F17
Source Sync
Input/Output
DSTBP0#
B9
Source Sync
Input/Output
D38#
F18
Source Sync
Input/Output
DSTBP1#
E12
Source Sync
Input/Output
D39#
E18
Source Sync
Input/Output
DSTBP2#
G19
Source Sync
Input/Output
DSTBP3#
C17
Source Sync
Input/Output
RESERVED
E23
FERR#/PBE#
R3
ASync GTL+
Output
RESERVED
E24
FORCEPR#
AK6
ASync GTL+
Input
RESERVED
E5
GTLREF_ADD_C0
H1
Power/Other
Input
RESERVED
E6
GTLREF_ADD_C1
H2
Power/Other
Input
RESERVED
E7
GTLREF_DATA_C0
G10
Power/Other
Input
RESERVED
F23
GTLREF_DATA_C1
F2
Power/Other
Input
RESERVED
F29
HIT#
D4
Common Clk
Input/Output
RESERVED
F6
HITM#
E4
Common Clk
Input/Output
RESERVED
G5
IERR#
AB2
ASync GTL+
Output
RESERVED
G6
Table 4-1.
Land Listing by Land Name (Sheet 2 of 9)
Land Name
Land
No.
Signal Buffer
Type
Direction
Land Name
Land
No.
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com