Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 4 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 4 Page - Intel Corporation

  313079-001 Datasheet HTML 1Page - Intel Corporation 313079-001 Datasheet HTML 2Page - Intel Corporation 313079-001 Datasheet HTML 3Page - Intel Corporation 313079-001 Datasheet HTML 4Page - Intel Corporation 313079-001 Datasheet HTML 5Page - Intel Corporation 313079-001 Datasheet HTML 6Page - Intel Corporation 313079-001 Datasheet HTML 7Page - Intel Corporation 313079-001 Datasheet HTML 8Page - Intel Corporation 313079-001 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
4
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
6.2.6
Tcontrol and Fan Speed Reduction ............................................................79
6.2.7
Thermal Diode........................................................................................79
7
Features ....................................................................................................................83
7.1
Power-On Configuration Options ..........................................................................83
7.2
Clock Control and Low Power States.....................................................................83
7.2.1
Normal State .........................................................................................84
7.2.2
HALT or Enhanced Powerdown States ........................................................84
7.2.3
Stop-Grant State ....................................................................................85
7.2.4
Enhanced HALT Snoop or HALT Snoop State,
Stop Grant Snoop State...........................................................................86
7.3
Enhanced Intel SpeedStep® Technology...............................................................86
8
Boxed Processor Specifications .....................................................................................89
8.1
Introduction......................................................................................................89
8.2
Mechanical Specifications....................................................................................90
8.2.1
Boxed Processor Heat Sink Dimensions (CEK).............................................91
8.2.2
Boxed Processor Heat Sink Weight ............................................................99
8.2.3
Boxed Processor Retention Mechanism and
Heat Sink Support (CEK) .........................................................................99
8.3
Electrical Requirements ......................................................................................99
8.3.1
Fan Power Supply (Active CEK).................................................................99
8.3.2
Boxed Processor Cooling Requirements.................................................... 100
8.4
Boxed Processor Contents................................................................................. 101
9
Debug Tools Specifications ......................................................................................... 103
9.1
Debug Port System Requirements ...................................................................... 103
9.2
Target System Implementation.......................................................................... 103
9.2.1
System Implementation......................................................................... 103
9.3
Logic Analyzer Interface (LAI) .......................................................................... 103
9.3.1
Mechanical Considerations ..................................................................... 104
9.3.2
Electrical Considerations ........................................................................ 104
Figures
2-1
Phase Lock Loop (PLL) Filter Requirements............................................................18
2-2
Dual-Core Intel® Xeon® Processor 5000 Series (1066 MHz)
Load Current versus Time ...................................................................................27
2-3
Dual-Core Intel® Xeon® Processor 5000 Series (667 MHz) and
Dual-Core Intel® Xeon® Processor 5063 (MV) Load Current versus Time..................28
2-4
VCC Static and Transient Tolerance Load Lines ......................................................29
2-5
VCC Overshoot Example Waveform ......................................................................32
3-1
Processor Package Assembly Sketch.....................................................................33
3-2
Processor Package Drawing (Sheet 1 of 3) ............................................................34
3-3
Processor Package Drawing (Sheet 2 of 3) ............................................................35
3-4
Processor Package Drawing (Sheet 3 of 3) ............................................................36
3-5
Dual-Core Intel Xeon Processor 5000 Series Top-side Markings................................39
3-6
Dual-Core Intel Xeon Processor 5063 (MV) Top-side Markings..................................39
3-7
Processor Land Coordinates, Top View ..................................................................40
3-8
Processor Land Coordinates, Bottom View .............................................................41
6-1
Dual-Core Intel Xeon Processor 5000 Series (1066 MHz)
Thermal Profiles A and B.....................................................................................71
6-2
Dual-Core Intel Xeon Processor 5000 Series (667 MHz) Thermal Profiles ...................73
6-3
Dual-Core Intel Xeon Processor 5063 (MV) Thermal Profile ......................................75
6-4
Case Temperature (TCASE) Measurement Location.................................................76
7-1
Stop Clock State Machine....................................................................................85


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com