Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 32 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 28Page - Intel Corporation 313079-001 Datasheet HTML 29Page - Intel Corporation 313079-001 Datasheet HTML 30Page - Intel Corporation 313079-001 Datasheet HTML 31Page - Intel Corporation 313079-001 Datasheet HTML 32Page - Intel Corporation 313079-001 Datasheet HTML 33Page - Intel Corporation 313079-001 Datasheet HTML 34Page - Intel Corporation 313079-001 Datasheet HTML 35Page - Intel Corporation 313079-001 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Electrical Specifications
32
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
maximum allowable overshoot above VID). These specifications apply to the processor
die voltage as measured across the VCC_DIE_SENSE and VSS_DIE_SENSE lands and
across the VCC_DIE_SENSE2 and VSS_DIE_SENSE2 lands.
Notes:
1.
VOS is the measured overshoot voltage above VID.
2.
TOS is the measured time duration above VID.
2.12.2
Die Voltage Validation
Core voltage (VCC) overshoot events at the processor must meet the specifications in
Table 2-17 when measured across the VCC_DIE_SENSE and VSS_DIE_SENSE lands
and across the VCC_DIE_SENSE2 and VSS_DIE_SENSE2 lands. Overshoot events that
are < 10 ns in duration may be ignored. These measurement of processor die level
overshoot should be taken with a 100 MHz bandwidth limited oscilloscope.
§
Table 2-17. VCC Overshoot Specifications
Symbol
Parameter
Min
Max
Units
Figure
Notes
VOS_MAX
Magnitude of VCC overshoot above VID
50
mV
2-5
TOS_MAX
Time duration of VCC overshoot above VID
25
µs
2-5
Figure 2-5. VCC Overshoot Example Waveform
Example Overshoot Waveform
0
5
10
15
20
25
Time [us]
VID - 0.000
VID + 0.050
VOS
TOS
TOS: Overshoot time above VID
VOS: Overshoot above VID


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com