Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 31 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 27Page - Intel Corporation 313079-001 Datasheet HTML 28Page - Intel Corporation 313079-001 Datasheet HTML 29Page - Intel Corporation 313079-001 Datasheet HTML 30Page - Intel Corporation 313079-001 Datasheet HTML 31Page - Intel Corporation 313079-001 Datasheet HTML 32Page - Intel Corporation 313079-001 Datasheet HTML 33Page - Intel Corporation 313079-001 Datasheet HTML 34Page - Intel Corporation 313079-001 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
31
Electrical Specifications
Notes:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
All outputs are open drain.
3.
VHYS represents the amount of hysteresis, nominally centered about 0.5 * VTT for all PWRGOOD and TAP
inputs.
4.
PWRGOOD input and the TAP signal group must meet system signal quality specification in Section 3.
5.
The maximum output current is based on maximum current handling capability of the buffer and is not
specified into the test load.
Notes:
1.Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.All outputs are open drain.
3.VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
4.VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5.VIH and VOH may experience excursions above VTT. However, input signal drivers must comply with the signal
quality specifications in Section 3.
6.Refer to the processor HSPICE* I/O Buffer Models for I/V characteristics.
7.The VTT referred to in these specifications refers to instantaneous VTT.
8.The maximum output current is based on maximum current handling capability of the buffer and is not
specified into the test load.
9.Leakage to VSS with land held at VTT.
10.Leakage to VTT with land held at 300 mV.
11.LINT0/INTR and LINT1/NMI use GTLREF_ADD as a reference voltage. For these two signals VIH =
GTLREF_ADD + (0.10 * VTT) and VIL= GTLREF_ADD - (0.10 * VTT).
2.12.1
VCC Overshoot Specification
The Dual-Core Intel Xeon Processor 5000 series can tolerate short transient overshoot
events where VCC exceeds the VID voltage when transitioning from a high-to-low
current load condition. This overshoot cannot exceed VID + VOS_MAX (VOS_MAX is the
ILI
Input Leakage Current
N/A
± 200
µA
ILO
Output Leakage Current
N/A
± 200
µA
RON
Buffer On Resistance
7
11
Ω
5
Table 2-14. PWRGOOD Input and TAP Signal Group DC Specifications (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Unit
Notes 1,
2
Table 2-15. GTL+ Asynchronous and AGTL+ Asynchronous Signal Group
DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
VIL
Input Low Voltage
0.0
(0.5 * VTT) - (0.10 * VTT)
V
3, 11
VIH
Input High Voltage
(0.5 * VTT) + (0.10 * VTT)VTT
V
4, 5, 7,
11
VOH
Output High Voltage
0.90*VTT
VTT
V2, 5, 7
IOL
Output Low Current
-
VTT/
[(0.50*RTT_MIN)+(RON_MIN)]
A8
ILI
Input Leakage Current
N/A
± 200
µA
9
ILO
Output Leakage
Current
N/A
± 200
µA
10
RON
Buffer On Resistance
7
11
Ω
6
Table 2-16. VTTPWRGD DC Specifications
Symbol
Parameter
Min
Max
Unit
VIL
Input Low Voltage
0.0
0.30
V
VIH
Input High Voltage
0.90
VTT
V


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com