Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 26 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation 313079-001 Datasheet HTML 24Page - Intel Corporation 313079-001 Datasheet HTML 25Page - Intel Corporation 313079-001 Datasheet HTML 26Page - Intel Corporation 313079-001 Datasheet HTML 27Page - Intel Corporation 313079-001 Datasheet HTML 28Page - Intel Corporation 313079-001 Datasheet HTML 29Page - Intel Corporation 313079-001 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Electrical Specifications
26
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
Notes:
1.
Unless otherwise noted, all specifications in this table apply to all processors and are based on final silicon
validation/characterization.
2.
These voltages are targets only. A variable voltage source should exist on systems in the event that a
different voltage is required. See Section 2.5 for more information.
3.
The voltage specification requirements are measured across the VCC_DIE_SENSE and VSS_DIE_SENSE
lands and across the VCC_DIE_SENSE2 and VSS_DIE_SENSE2 lands with a 100 MHz bandwidth
oscilloscope, 1.5 pF maximum probe capacitance, and 1 MΩ minimum impedance. The maximum length of
ground wire on the probe should be less than 5 mm. Ensure external noise from the system is not coupled
in the scope probe.
4.
The processor must not be subjected to any static VCC level that exceeds the VCC_MAX associated with any
particular current. Failure to adhere to this specification can shorten processor lifetime.
5.
ICC_MAX is specified at VCC_MAX. The processor is capable of drawing ICC_MAX for up to 10 ms. Refer to
Figure 2-2 and Figure 2-3 for further details on the average processor current draw over various time
durations.
6.
FMB is the flexible motherboard guideline. These guidelines are for estimation purposes only.
7.
The current specified is also for HALT and Enhanced HALT State.
8.
These specifications apply to the PLL power lands VCCA, VCCIOPLL, and VSSA. See Section 2.4.2 for
details. These parameters are based on design characterization and are not tested.
9.
This specification represents the total current for GTLREF_DATA and GTLREF_ADD per core.
10. VTT must be provided via a separate voltage source and must not be connected to VCC. This specification is
measured at the land.
ICC_RESET
ICC_RESET for Dual-Core Intel Xeon
Processor 5000 series with multiple
VID (1066 MHz)
150
A
18
ICC_RESET
ICC_RESET for Dual-Core Intel Xeon
Processor 5063 (MV) with multiple
VID
115
A
18
ITT
Steady-state FSB Termination
Current
6.1
A
16
ITT_POWER-UP
Power-up FSB Termination Current
8.0
A
19
ICC_TDC
Thermal Design Current (TDC) for
Dual-Core Intel Xeon Processor
5000 series (667 MHz)
100
A
6,15
ICC_TDC
Thermal Design Current (TDC) for
Dual-Core Intel Xeon Processor
5000 series (1066 MHz)
130
A
6,15
ICC_TDC
Thermal Design Current (TDC) for
Dual-Core Intel Xeon Processor
5063 (MV)
100
A
6,15
ICC_VTTOUT
DC current that may be drawn
from VTTOUT per land
580
mA
17
ICC_VCCA
ICC for PLL power lands
120
mA
8
ICC_VCCIOPLL
ICC for PLL power lands
100
mA
8
ICC_GTLREF
ICC for GTLREF
200
µA
9
ITCC
ICC during active thermal control
circuit (TCC) for Dual-Core Intel
Xeon Processor 5000 series
150
A
ITCC
ICC during active thermal control
circuit (TCC) for Dual-Core Intel
Xeon Processor 5063 (MV)
115
A
ISGNT
ICC Stop-Grant for Dual-Core Intel
Xeon Processor 5000 series (667
MHz)
50
A
7
ISGNT
ICC Stop-Grant for Dual-Core Intel
Xeon Processor 5000 series (1066
MHz)
60
A
7
ISGNT
ICC Stop-Grant for Dual-Core Intel
Xeon Processor 5063 (MV)
40
A
7
Table 2-10. Voltage and Current Specifications (Sheet 2 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
1,13


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com