Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 23 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation 313079-001 Datasheet HTML 24Page - Intel Corporation 313079-001 Datasheet HTML 25Page - Intel Corporation 313079-001 Datasheet HTML 26Page - Intel Corporation 313079-001 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
23
Electrical Specifications
Table 2-7 outlines the signals which include on-die termination (RTT). Open drain
signals are also included. Table 2-8 provides signal reference voltages.
Notes:
1.
Signals that do not have RTT, nor are actively driven to their high voltage level.
2.
The on-die termination for these signals is not RTT. TCK, TDI, and TMS have an approximately 150 KΩ
pullup to VTT.
Notes:
1.
These signals also have hysteresis added to the reference voltage. See Table 2-14 for more information.
2.
Use Table 2-15 for signal FORCEPR# specifications.
2.8
GTL+ Asynchronous and AGTL+ Asynchronous
Signals
Input signals such as A20M#, FORCEPR#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI,
SMI# and STPCLK# utilize GTL+ input buffers. Legacy output FERR#/PBE# and other
non-AGTL+ signals IERR#, THERMTRIP# and PROCHOT# utilize GTL+ output buffers.
All of these asynchronous GTL+ signals follow the same DC requirements as AGTL+
signals; however, the outputs are not driven high (during the electrical 0-to-1
transition) by the processor. FERR#/PBE#, IERR#, and IGNNE# have now been defined
as AGTL+ asynchronous signals as they include an active p-MOS device. Asynchronous
GTL+ and asynchronous AGTL+ signals do not have setup or hold time specifications in
relation to BCLK[1:0]; however, all of the asynchronous GTL+ and asynchronous
AGTL+ signals are required to be asserted/deasserted for at least six BCLKs in order for
the processor to recognize them. See Table 2-15 for the DC specifications for the
asynchronous GTL+ signal groups.
2.9
Test Access Port (TAP) Connection
Due to the voltage levels supported by other components in the Test Access Port (TAP)
logic, it is recommended that the processor(s) be first in the TAP chain and followed by
any other components within the system. A translation buffer should be used to
Table 2-7.
Signal Description Table
Signals with RTT
Signals with no RTT
A[35:3]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BINIT#,
BNR#, BPRI#, COMP[7:4], D[63:0]#, DBI[3:0]#,
DBSY#, DEFER#, DP[3:0]#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, FORCEPR#, HIT#, HITM#, LOCK#,
MCERR#, PROCHOT#, REQ[4:0]#, RS[2:0]#,
RSP#, TCK2, TDI2, TEST_BUS, TMS2, TRDY#,
TRST#2
A20M#, BCLK[1:0], BPM[5:0]#, BR[1:0]#, BSEL[2:0],
COMP[3:0], FERR#/PBE#, GTLREF_ADD_C[1:0],
GTLREF_DATA_C[1:0], IERR#, IGNNE#, INIT#, LINT0/
INTR, LINT1/NMI, LL_ID[1:0], MS_ID[1:0], PWRGOOD,
RESET#, SKTOCC#, SMI#, STPCLK#, TDO,
TESTHI[11:0], THERMDA, THERMDA2, THERMDC,
THERMDC2, THERMTRIP#, VCC_DIE_SENSE,
VCC_DIE_SENSE2, VID[5:0], VID_SELECT,
VSS_DIE_SENSE, VSS_DIE_SENSE2, VTTPWRGD
Open Drain Signals1
BPM[5:0]#, BR0#, FERR#/PBE#, IERR#, PROCHOT#, TDO, THERMTRIP#
Table 2-8.
Signal Reference Voltages
GTLREF
VTT / 2
A[35:3]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BINIT#,
BNR#, BPM[5:0]#, BPRI#, BR[1:0]#, D[63:0]#,
DBI[3:0]#, DBSY#, DEFER#, DP[3:0]#, DRDY#,
DSTBN[3:0]#, DSTBP[3:0]#, FORCEPR#2, HIT#,
HITM#, IERR#, LINT0/INTR, LINT1/NMI, LOCK#,
MCERR#, RESET#, REQ[4:0]#, RS[2:0]#, RSP#,
TRDY#
A20M#, IGNNE#, INIT#, PWRGOOD1, SMI#, STPCLK#,
TCK1, TDI1, TMS1, TRST#1, VTTPWRGD


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com