Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 22 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation 313079-001 Datasheet HTML 24Page - Intel Corporation 313079-001 Datasheet HTML 25Page - Intel Corporation 313079-001 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Electrical Specifications
22
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
With the implementation of a source synchronous data bus comes the need to specify
two sets of timing parameters. One set is for common clock signals whose timings are
specified with respect to rising edge of BCLK0 (ADS#, HIT#, HITM#, and so forth) and
the second set is for the source synchronous signals which are relative to their
respective strobe lines (data and address) as well as rising edge of BCLK0.
Asynchronous signals are still present (A20M#, IGNNE#, and so forth) and can become
active at any time during the clock cycle. Table 2-6 identifies which signals are common
clock, source synchronous and asynchronous.
Notes:
1.
Refer to Section 5 for signal descriptions.
2.
These signals may be driven simultaneously by multiple agents (Wired-OR).
Table 2-6.
FSB Signal Groups
Signal Group
Type
Signals1
AGTL+ Common Clock Input
Synchronous to BCLK[1:0]
BPRI#, DEFER#, RESET#, RS[2:0]#, RSP#,
TRDY#
AGTL+ Common Clock I/O
Synchronous to BCLK[1:0]
ADS#, AP[1:0]#, BINIT#2, BNR#2,
BPM[5:0]#, BR[1:0]#, DBSY#, DP[3:0]#,
DRDY#, HIT#2, HITM#2, LOCK#, MCERR#2
AGTL+ Source Synchronous I/O
Synchronous to assoc.
strobe
AGTL+ Strobes I/O
Synchronous to BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
AGTL+ Asynchronous Output
Asynchronous
FERR#/PBE#, IERR#, PROCHOT#
GTL+ Asynchronous Input
Asynchronous
A20M#, FORCEPR#, IGNNE#, INIT#, LINT0/
INTR, LINT1/NMI, SMI#, STPCLK#
GTL+ Asynchronous Output
Asynchronous
THERMTRIP#
FSB Clock
Clock
BCLK1, BCLK0
TAP Input
Synchronous to TCK
TCK, TDI, TMS TRST#
TAP Output
Synchronous to TCK
TDO
Power/Other
Power/Other
BSEL[2:0], COMP[7:0], GTLREF_ADD_C[1:0],
GTLREF_DATA_C[1:0], LL_ID[1:0],
MS_ID[1:0], PWRGOOD, Reserved, SKTOCC#,
TEST_BUS, TESTHI[11:0], THERMDA,
THEMRDA2, THERMDC, THERMDC2, VCC, VCCA,
VCCIOPLL, VCC_DIE_SENSE, VCC_DIE_SENSE2,
VID[5:0], VID_SELECT, VSS_DIE_SENSE,
VSS_DIE_SENSE2, VSS, VSSA, VTT, VTTOUT,
VTTPWRGD
Signals
Associated Strobe
REQ[4:0]#,A[16:3]
#
ADSTB0#
A[35:17]#
ADSTB1#
D[15:0]#, DBI0#
DSTBP0#, DSTBN0#
D[31:16]#, DBI1#
DSTBP1#, DSTBN1#
D[47:32]#, DBI2#
DSTBP2#, DSTBN2#
D[63:48]#, DBI3#
DSTBP3#, DSTBN3#


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com