Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 21 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 17Page - Intel Corporation 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation 313079-001 Datasheet HTML 24Page - Intel Corporation 313079-001 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
21
Electrical Specifications
Note:
1.
The MS_ID[1:0] signals are provided to indicate the Market Segment for the processor and may be used
for future processor compatibility or for keying. System management software may utilize these signals to
identify the processor installed.
2.
These signals are not connected to the processor die.
3.
A logic 0 is achieved by pulling the signal to ground on the package.
4.
A logic 1 is achieved by leaving the signal as a no connect on the package.
2.6
Reserved or Unused Signals
All Reserved signals must remain unconnected. Connection of these signals to VCC, VTT,
VSS, or to any other signal (including each other) can result in component malfunction
or incompatibility with future processors. See Chapter 4, “Land Listing” for a land
listing of the processor and the location of all Reserved signals.
For reliable operation, always connect unused inputs or bidirectional signals to an
appropriate signal level. Unused active high inputs, should be connected through a
resistor to ground (VSS). Unused outputs can be left unconnected; however, this may
interfere with some TAP functions, complicate debug probing, and prevent boundary
scan testing. A resistor must be used when tying bidirectional signals to power or
ground. When tying any signal to power or ground, a resistor will also allow for system
testability. Resistor values should be within ± 20% of the impedance of the baseboard
trace for FSB signals. For unused AGTL+ input or I/O signals, use pull-up resistors of
the same value as the on-die termination resistors (RTT).
TAP, Asynchronous GTL+ inputs, and Asynchronous GTL+ outputs do not include on-die
termination. Inputs and utilized outputs must be terminated on the baseboard. Unused
outputs may be terminated on the baseboard or left unconnected. Note that leaving
unused outputs unterminated may interfere with some TAP functions, complicate debug
probing, and prevent boundary scan testing. Signal termination for these signal types
is discussed in the appropriate platform design guidelines.
The TESTHI signals must be tied to the processor VTT using a matched resistor, where a
matched resistor has a resistance value within +/-20% of the impedance of the board
transmission line traces. For example, if the trace impedance is 50 Ω, then a value
between 40 Ω and 60 Ω is required.
The TESTHI signals may use individual pull-up resistors or be grouped together as
detailed below. A matched resistor must be used for each group:
• TESTHI[1:0] - can be grouped together with a single pull-up to VTT
• TESTHI[7:2] - can be grouped together with a single pull-up to VTT
• TESTHI8 – cannot be grouped with other TESTHI signals
• TESTHI9 – cannot be grouped with other TESTHI signals
• TESTHI10 – cannot be grouped with other TESTHI signals
• TESTHI11 – cannot be grouped with other TESTHI signals
2.7
Front Side Bus Signal Groups
The FSB signals have been combined into groups by buffer type. AGTL+ input signals
have differential input buffers, which use GTLREF as a reference level. In this
document, the term “AGTL+ Input” refers to the AGTL+ input group as well as the
AGTL+ I/O group when receiving. Similarly, “AGTL+ Output” refers to the AGTL+
output group as well as the AGTL+ I/O group when driving. AGTL+ asynchronous
outputs can become active anytime and include an active PMOS pull-up transistor to
assist the during the first clock of a low-to-high voltage transition.


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com