Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 20 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 16Page - Intel Corporation 313079-001 Datasheet HTML 17Page - Intel Corporation 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation 313079-001 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Electrical Specifications
20
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
Notes:
1.
When this VID pattern is observed, the voltage regulator output should be disabled.
2.
Shading denotes the expected VID range of the Dual-Core Intel Xeon Processor 5000 series [1.0750 V -
1.3500 V].
Note:
1.
The LL_ID[1:0] signals are used to select the correct loadline slope for the processor.
2.
These signals are not connected to the processor die.
3.
A logic 0 is achieved by pulling the signal to ground on the package.
4.
A logic 1 is achieved by leaving the signal as a no connect on the package.
00100
1
0.9750
1
0
1
0
0
1
1.3500
00100
0
0.9875
1
0
1
0
0
0
1.3625
00011
1
1.0000
1
0
0
1
1
1
1.3750
00011
0
1.0125
1
0
0
1
1
0
1.3875
00010
1
1.0250
1
0
0
1
0
1
1.4000
00010
0
1.0375
1
0
0
1
0
0
1.4125
00001
1
1.0500
1
0
0
0
1
1
1.4250
00001
0
1.0625
1
0
0
0
1
0
1.4375
0
0
0
0
0
1
1.0750
1
0
0
0
0
1
1.4500
0
0
0
0
0
0
1.0875
1
0
0
0
0
0
1.4625
11111
1
OFF1
0
1
1
1
1
1
1.4750
11111
0
OFF1
0
1
1
1
1
0
1.4875
1
1
1
1
0
1
1.1000
0
1
1
1
0
1
1.5000
1
1
1
1
0
0
1.1125
0
1
1
1
0
0
1.5125
1
1
1
0
1
1
1.1250
0
1
1
0
1
1
1.5250
1
1
1
0
1
0
1.1375
0
1
1
0
1
0
1.5375
1
1
1
0
0
1
1.1500
0
1
1
0
0
1
1.5500
1
1
1
0
0
0
1.1625
0
1
1
0
0
0
1.5625
1
1
0
1
1
1
1.1750
0
1
0
1
1
1
1.5750
1
1
0
1
1
0
1.1875
0
1
0
1
1
0
1.5875
1
1
0
1
0
1
1.2000
0
1
0
1
0
1
1.6000
Table 2-3.
Voltage Identification Definition (Sheet 2 of 2)
VID4 VID3 VID2 VID1 VID0 VID5 VCC_MAX
VID4 VID3 VID2 VID1 VID0 VID5 VCC_MAX
Table 2-4.
Loadline Selection Truth Table for LL_ID[1:0]
LL_ID1
LL_ID0
Description
00
Reserved
0
1
Dual-Core Intel Xeon Processor 5000 Series
10
Reserved
11
Reserved
Table 2-5.
Market Segment Selection Truth Table for MS_ID[1:0]
MS_ID1
MS_ID0
Description
0
0
Dual-Core Intel Xeon Processor 5000 Series
01
Reserved
10
Reserved
11
Reserved


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com