Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 19 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 15Page - Intel Corporation 313079-001 Datasheet HTML 16Page - Intel Corporation 313079-001 Datasheet HTML 17Page - Intel Corporation 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation 313079-001 Datasheet HTML 22Page - Intel Corporation 313079-001 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
19
Electrical Specifications
2.5
Voltage Identification (VID)
The Voltage Identification (VID) specification for the Dual-Core Intel Xeon Processor
5000 series set by the VID signals is the reference VR output voltage to be delivered to
the processor Vcc pins. VID signals are open drain outputs, which must be pulled up to
VTT. Please refer to Table 2-12 for the DC specifications for these signals. A minimum
voltage is provided in Table 2-10 and changes with frequency. This allows processors
running at a higher frequency to have a relaxed minimum voltage specification. The
specifications have been set such that one voltage regulator can operate with all
supported frequencies.
Individual processor VID values may be calibrated during manufacturing such that two
devices at the same core frequency may have different default VID settings. This is
reflected by the VID range values provided in Table 2-3.
The Dual-Core Intel Xeon Processor 5000 series use six voltage identification signals,
VID[5:0], to support automatic selection of power supply voltages. The processor uses
the VTTPWRGD input to determine that the supply voltage for VID[5:0] is stable and
within specification.Table 2-3 specifies the voltage level corresponding to the state of
VID[5:0]. A ‘1’ in this table refers to a high voltage level and a ‘0’ refers to a low
voltage level. The definition provided in Table 2-3 is not related in any way to previous
Intel® Xeon® processors or voltage regulator designs. If the processor socket is empty
(VID[5:0] = x11111), or the voltage regulation circuit cannot supply the voltage that is
requested, it must disable itself.
The Dual-Core Intel Xeon Processor 5000 series provide the ability to operate while
transitioning to an adjacent VID and its associated processor core voltage (VCC). This
will represent a DC shift in the load line. It should be noted that a low-to-high or high-
to-low voltage state change may result in as many VID transitions as necessary to
reach the target core voltage. Transitions above the specified VID are not permitted.
Table 2-10 includes VID step sizes and DC shift ranges. Minimum and maximum
voltages must be maintained as shown in Table 2-11 and Figure 2-4.
The VRM or EVRD utilized must be capable of regulating its output to the value defined
by the new VID. DC specifications for dynamic VID transitions are included in
Table 2-10 and Table 2-11.
Power source characteristics must be guaranteed to be stable whenever the supply to
the voltage regulator is stable.
Table 2-3.
Voltage Identification Definition (Sheet 1 of 2)
VID4 VID3 VID2 VID1 VID0 VID5 VCC_MAX
VID4 VID3 VID2 VID1 VID0 VID5 VCC_MAX
01010
0
0.8375
1
1
0
1
0
0
1.2125
01001
1
0.8500
1
1
0
0
1
1
1.2250
01001
0
0.8625
1
1
0
0
1
0
1.2375
01000
1
0.8750
1
1
0
0
0
1
1.2500
01000
0
0.8875
1
1
0
0
0
0
1.2625
00111
1
0.9000
1
0
1
1
1
1
1.2750
00111
0
0.9125
1
0
1
1
1
0
1.2875
00110
1
0.9250
1
0
1
1
0
1
1.3000
00110
0
0.9375
1
0
1
1
0
0
1.3125
00101
1
0.9500
1
0
1
0
1
1
1.3250
00101
0
0.9625
1
0
1
0
1
0
1.3375


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com