Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 17 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 13Page - Intel Corporation 313079-001 Datasheet HTML 14Page - Intel Corporation 313079-001 Datasheet HTML 15Page - Intel Corporation 313079-001 Datasheet HTML 16Page - Intel Corporation 313079-001 Datasheet HTML 17Page - Intel Corporation 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation 313079-001 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
17
Electrical Specifications
The processor core frequency is configured during reset by using values stored
internally during manufacturing. The stored value sets the highest bus fraction at which
the particular processor can operate. If lower speeds are desired, the appropriate ratio
can be configured via the IA32_FLEX_BRVID_SEL MSR. For details of operation at core
frequencies lower than the maximum rated processor speed, refer to the IA-32 Intel®
Architecture Software Developer’s Manual, Volume 3A &3B.
Clock multiplying within the processor is provided by the internal phase locked loop
(PLL), which requires a constant frequency BCLK[1:0] input, with exceptions for spread
spectrum clocking. The Dual-Core Intel Xeon Processor 5000 series utilize differential
clocks. Table 2-1 contains processor core frequency to FSB multipliers and their
corresponding core frequencies.
Notes:
1.
Individual processors operate only at or below the frequency marked on the package.
2.
Listed frequencies are not necessarily committed production frequencies.
3.
For valid processor core frequencies, refer to the Dual-Core Intel® Xeon® Processor 5000 series
Specification Update.
4.
Mid-voltage (MV) processors only.
5.
The lowest bus ratio supported by the Dual-Core Intel Xeon Processor 5000 series is 1/12.
2.4.1
Front Side Bus Frequency Select Signals (BSEL[2:0])
Upon power up, the FSB frequency is set to the maximum supported by the individual
processor. BSEL[2:0] are open drain outputs which must be pulled up to VTT, and are
used to select the FSB frequency. Please refer to Table 2-12 for DC specifications.
Table 2-2 defines the possible combinations of the signals and the frequency associated
with each combination. The frequency is determined by the processor(s), chipset, and
clock synthesizer. All FSB agents must operate at the same core and FSB frequency.
See the appropriate platform design guidelines for further details.
Table 2-1.
Core Frequency to FSB Multiplier Configuration
Core Frequency to FSB
Multiplier
Core Frequency with
166 MHz FSB Clock
Processor Number
Notes
1/16
2.67 GHz
5030
1, 2, 3, 4
1/18
3 GHz
5050
1, 2, 3, 4
Core Frequency to FSB
Multiplier
Core Frequency with
266 MHz FSB Clock
Notes
1/12
3.20 GHz
5063
1, 2, 3, 4
1/12
3.20 GHz
5060
1, 2, 3, 5
1/14
3.73 GHz
5080
1, 2, 3
Table 2-2.
BSEL[2:0] Frequency Table
BSEL2
BSEL1
BSEL0
Bus Clock Frequency
0
0
0
266.67 MHz
001
Reserved
010
Reserved
0
1
1
166.67 MHz
100
Reserved
101
Reserved
110
Reserved
111
Reserved


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com