Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 16 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 12Page - Intel Corporation 313079-001 Datasheet HTML 13Page - Intel Corporation 313079-001 Datasheet HTML 14Page - Intel Corporation 313079-001 Datasheet HTML 15Page - Intel Corporation 313079-001 Datasheet HTML 16Page - Intel Corporation 313079-001 Datasheet HTML 17Page - Intel Corporation 313079-001 Datasheet HTML 18Page - Intel Corporation 313079-001 Datasheet HTML 19Page - Intel Corporation 313079-001 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Electrical Specifications
16
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
2.3
Decoupling Guidelines
Due to its large number of transistors and high internal clock speeds, the Dual-Core
Intel Xeon Processor 5000 series are capable of generating large average current
swings between low and full power states. This may cause voltages on power planes to
sag below their minimum values if bulk decoupling is not adequate. Larger bulk storage
(CBULK), such as electrolytic capacitors, supply current during longer lasting changes in
current demand by the component, such as coming out of an idle condition. Similarly,
they act as a storage well for current when entering an idle condition from a running
condition. Care must be taken in the baseboard design to ensure that the voltage
provided to the processor remains within the specifications listed in Table 2-10. Failure
to do so can result in timing violations or reduced lifetime of the component. For further
information and guidelines, refer to the appropriate platform design guidelines.
2.3.1
VCC Decoupling
Vcc regulator solutions need to provide bulk capacitance with a low Effective Series
Resistance (ESR), and the baseboard designer must assure a low interconnect
resistance from the regulator (EVRD or VRM pins) to the LGA771 socket. Bulk
decoupling must be provided on the baseboard to handle large current swings. The
power delivery solution must insure the voltage and current specifications are met (as
defined in Table 2-10). For further information regarding power delivery, decoupling
and layout guidelines, refer to the appropriate platform design guidelines.
2.3.2
VTT Decoupling
Bulk decoupling must be provided on the baseboard. Decoupling solutions must be
sized to meet the expected load. To insure optimal performance, various factors
associated with the power delivery solution must be considered including regulator
type, power plane and trace sizing, and component placement. A conservative
decoupling solution consists of a combination of low ESR bulk capacitors and high
frequency ceramic capacitors. For further information regarding power delivery,
decoupling and layout guidelines, refer to the appropriate platform design guidelines.
2.3.3
Front Side Bus AGTL+ Decoupling
The Dual-Core Intel Xeon Processor 5000 series integrate signal termination on the die,
as well as a portion of the required high frequency decoupling capacitance on the
processor package. However, additional high frequency capacitance must be added to
the baseboard to properly decouple the return currents from the FSB. Bulk decoupling
must also be provided by the baseboard for proper AGTL+ bus operation. Decoupling
guidelines are described in the appropriate platform design guidelines.
2.4
Front Side Bus Clock (BCLK[1:0]) and Processor
Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous processor generations, the Dual-Core Intel Xeon Processor
5000 series core frequency is a multiple of the BCLK[1:0] frequency. The processor bus
ratio multiplier is set during manufacturing. The default setting is for the maximum
speed of the processor. It is possible to override this setting using software (see the
IA-32 Intel® Architecture Software Developer’s Manual, Volume 3A &3B). This permits
operation at lower frequencies than the processor’s tested frequency.


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com