Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 13 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 9Page - Intel Corporation 313079-001 Datasheet HTML 10Page - Intel Corporation 313079-001 Datasheet HTML 11Page - Intel Corporation 313079-001 Datasheet HTML 12Page - Intel Corporation 313079-001 Datasheet HTML 13Page - Intel Corporation 313079-001 Datasheet HTML 14Page - Intel Corporation 313079-001 Datasheet HTML 15Page - Intel Corporation 313079-001 Datasheet HTML 16Page - Intel Corporation 313079-001 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
13
Introduction
Notes: Contact your Intel representative for the latest revision of those documents.
§
Dual-Core Intel® Xeon® Processor 5000 Series Specifications Update
313065
EPS12V Power Supply Design Guide: A Server system Infrastructure (SSI)
Specification for Entry Chassis Power Supplies
http://
www.ssiforum.org
Entry-Level Electronics-Bay Specifications: A Server System Infrastructure (SSI)
Specification for Entry Pedestal Servers and Workstations
http://
www.ssiforum.org
Dual-Core Intel® Xeon® Processor 5000 Series Thermal/Mechanical Design
Guidelines
313062
Dual-Core Intel® Xeon® Processor 5000 Series Boundary Scan Descriptive
Language (BSDL) Model
313064
Document
Intel Order Number


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com