Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 12 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 8Page - Intel Corporation 313079-001 Datasheet HTML 9Page - Intel Corporation 313079-001 Datasheet HTML 10Page - Intel Corporation 313079-001 Datasheet HTML 11Page - Intel Corporation 313079-001 Datasheet HTML 12Page - Intel Corporation 313079-001 Datasheet HTML 13Page - Intel Corporation 313079-001 Datasheet HTML 14Page - Intel Corporation 313079-001 Datasheet HTML 15Page - Intel Corporation 313079-001 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Introduction
12
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
• Thermal Design Power – Processor thermal solutions should be designed to meet
this target. It is the highest expected sustainable power while running known
power intensive real applications. TDP is not the maximum power that the
processor can dissipate.
• LGA771 socket – The Dual-Core Intel Xeon Processor 5000 series interfaces to
the baseboard through this surface mount, 771 Land socket. See the LGA771
Socket Design Guidelines for details regarding this socket.
• Processor – A single package that contains one or more complete execution cores.
• Processor core – Processor core die with integrated L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
• Intel® Virtualization Technology – Processor virtualization which when used in
conjunction with Virtual Machine Monitor software enables multiple, robust
independent software environments inside a single platform.
• VRM (Voltage Regulator Module) – DC-DC converter built onto a module that
interfaces with a card edge socket and supplies the correct voltage and current to
the processor based on the logic state of the processor VID bits.
• EVRD (Enterprise Voltage Regulator Down) – DC-DC converter integrated onto
the system board that provides the correct voltage and current to the processor
based on the logic state of the processor VID bits.
• VCC – The processor core power supply.
• VSS – The processor ground.
• VTT – FSB termination voltage.
1.2
State of Data
The data contained within this document is subject to change. It is the most accurate
information available by the publication date of this document and is based on final
silicon characterization. All specifications in this version of the Dual-Core Intel® Xeon®
Processor 5000 Series Datasheet can be used for platform design purposes (layout
studies, characterizing thermal capabilities, and so forth).
1.3
References
Material and concepts available in the following documents may be beneficial when
reading this document:
Document
Intel Order Number
AP-485, Intel® Processor Identification and the CPUID Instruction
241618
IA-32 Intel® Architecture Software Developer's Manual
Volume 1: Basic Architecture
Volume 2A: Instruction Set Reference, A-M
Volume 2B: Instruction Set Reference, N-Z
Volume 3A: System Programming Guide
Volume 3B: System Programming Guide
253665
253666
253667
253668
253669
64-bit Extension Technology Software Developer's Guide
Volume 1
Volume 2
300834
300835
IA-32 Intel® Architecture Optimization Reference Manual
248966


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com