Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 100 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 100 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 96Page - Intel Corporation 313079-001 Datasheet HTML 97Page - Intel Corporation 313079-001 Datasheet HTML 98Page - Intel Corporation 313079-001 Datasheet HTML 99Page - Intel Corporation 313079-001 Datasheet HTML 100Page - Intel Corporation 313079-001 Datasheet HTML 101Page - Intel Corporation 313079-001 Datasheet HTML 102Page - Intel Corporation 313079-001 Datasheet HTML 103Page - Intel Corporation 313079-001 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Boxed Processor Specifications
100
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
The fan power header on the baseboard must be positioned to allow the fan heat sink
power cable to reach it. The fan power header identification and location must be
documented in the suppliers platform documentation, or on the baseboard itself. The
baseboard fan power header should be positioned within 177.8 mm [7 in.] from the
center of the processor socket.
8.3.2
Boxed Processor Cooling Requirements
As previously stated the boxed processor will be available in two product
configurations. Each configuration will require unique design considerations. Meeting
the processor’s temperature specifications is also the function of the thermal design of
the entire system, and ultimately the responsibility of the system integrator. The
processor temperature specifications are found in Chapter 6, “Thermal Specifications”
of this document.
Table 8-1.
PWM Fan Frequency Specifications for 4-Pin Active CEK Thermal Solution
Description
Min Frequency
Nominal Frequency
Max Frequency
Unit
PWM Control
Frequency Range
21,000
25,000
28,000
Hz
Table 8-2.
Fan Specifications for 4-pin Active CEK Thermal Solution
Description
Min
Typ
Steady
Max
Steady
Max
Startup
Unit
+12 V: 12 volt fan power supply
10.8
12
12
13.2
V
IC: Fan Current Draw
N/A
1
1.25
1.5
A
SENSE: SENSE frequency
2
2
2
2
Pulses per fan
revolution
Figure 8-11. Fan Cable Connector Pin Out for 4-Pin Active CEK Thermal Solution
Table 8-3.
Fan Cable Connector Pin Out for 4-Pin Active CEK Thermal Solution
Pin Number
Signal
Color
1
Ground
Black
2
Power: (+12 V)
Yellow
3
Sense: 2 pulses per revolution
Green
4
Control: 21 KHz-28 KHz
Blue


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com