Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 89 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation 313079-001 Datasheet HTML 88Page - Intel Corporation 313079-001 Datasheet HTML 89Page - Intel Corporation 313079-001 Datasheet HTML 90Page - Intel Corporation 313079-001 Datasheet HTML 91Page - Intel Corporation 313079-001 Datasheet HTML 92Page - Intel Corporation 313079-001 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
89
Boxed Processor Specifications
8
Boxed Processor Specifications
8.1
Introduction
Intel boxed processors are intended for system integrators who build systems from
components available through distribution channels. The Dual-Core Intel® Xeon®
Processor 5000 series will be offered as an Intel boxed processor.
Intel will offer the Dual-Core Intel Xeon Processor 5000 series boxed processor with
two heat sink configurations available for each processor frequency: 1U passive/2U
active combination solution and a 2U passive only solution. The 1U passive/2U active
combination solution is based on a 1U passive heat sink with a removable fan that will
be pre-attached at shipping. This heat sink solution is intended to be used as either a
1U passive heat sink or a 2U+ active heat sink. Although the active combination
solution with removable fan mechanically fits into a 2U keepout, additional design
considerations may need to be addressed to provide sufficient airflow to the fan inlet.
The 1U passive/2U active combination solution in the active fan configuration is
primarily designed to be used in a pedestal chassis where sufficient air inlet space is
present and strong side directional airflow is not an issue. The 1U passive/active
combination solution with the fan removed and the 2U passive thermal solution require
the use of chassis ducting and are targeted for use in rack mount servers. The
retention solution used for these products is called the Common Enabling Kit, or CEK.
The CEK base is compatible with both thermal solutions and uses the same hole
locations as the Intel® Xeon® processor with 800 MHz FSB.
The 1U passive/active combination solution will utilize a removable fan with a 4-pin
pulse width modulated (PWM) T-diode control. Use of a 4-pin PWM T-diode controlled
active thermal solution helps customers meet acoustic targets in pedestal platforms
through the motherboards’s ability to directly control the RPM of the processor heat
sink fan. Please see Section 8.3 for more details. Figure 8-1 through Figure 8-3 are
representations of the two heat sink solutions.
Figure 8-1. Boxed Dual-Core Intel Xeon Processor 5000 Series 1U Passive/2U Active
Combination Heat Sink (With Removable Fan)


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com