Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 87 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 87 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 83Page - Intel Corporation 313079-001 Datasheet HTML 84Page - Intel Corporation 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation 313079-001 Datasheet HTML 88Page - Intel Corporation 313079-001 Datasheet HTML 89Page - Intel Corporation 313079-001 Datasheet HTML 90Page - Intel Corporation 313079-001 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
87
Features
Note:
Not all Dual-Core Intel Xeon Processor 5000 series are capable of supporting Enhanced
Intel SpeedStep Technology. More details on which processor frequencies will support
this feature will be provided in future releases of the Dual-Core Intel® Xeon® Processor
5000 Series Specification Update when available.
Enhanced Intel SpeedStep Technology creates processor performance states (P-states)
or voltage/frequency operating points. P-states are lower power capability states within
the Normal state as shown in Figure 7-1. Enhanced Intel SpeedStep Technology
enables real-time dynamic switching between frequency and voltage points. It alters
the performance of the processor by changing the bus to core frequency ratio and
voltage. This allows the processor to run at different core frequencies and voltages to
best serve the performance and power requirements of the processor and system. The
Dual-Core Intel Xeon Processor 5000 series have hardware logic that coordinates the
requested processor voltage between the processor cores. The highest voltage that is
requested for either of the processor cores is selected for that processor. Note that the
front side bus is not altered; only the internal core frequency is changed. In order to
run at reduced power consumption, the voltage is altered in step with the bus ratio.
The following are key features of Enhanced Intel SpeedStep Technology:
• Multiple voltage/frequency operating points provide optimal performance at
reduced power consumption.
• Voltage/frequency selection is software controlled by writing to processor MSR’s
(Model Specific Registers), thus eliminating chipset dependency.
— If the target frequency is higher than the current frequency, VCC is incremented
in steps (+12.5 mV) by placing a new value on the VID signals and the
processor shifts to the new frequency. Note that the top frequency for the
processor can not be exceeded.
— If the target frequency is lower than the current frequency, the processor shifts
to the new frequency and VCC is then decremented in steps (-12.5 mV) by
changing the target VID through the VID signals.
§


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com