Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 86 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 82Page - Intel Corporation 313079-001 Datasheet HTML 83Page - Intel Corporation 313079-001 Datasheet HTML 84Page - Intel Corporation 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation 313079-001 Datasheet HTML 88Page - Intel Corporation 313079-001 Datasheet HTML 89Page - Intel Corporation 313079-001 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Features
86
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
RESET# will cause the processor to immediately initialize itself, but the processor will
stay in Stop-Grant state. A transition back to the Normal state will occur with the de-
assertion of the STPCLK# signal.
A transition to the Grant Snoop state will occur when the processor detects a snoop on
the front side bus (see Section 7.2.4.1).
While in the Stop-Grant state, SMI#, INIT#, BINIT# and LINT[1:0] will be latched by
the processor, and only serviced when the processor returns to the Normal state. Only
one occurrence of each event will be recognized upon return to the Normal state.
While in Stop-Grant state, the processor will process snoops on the front side bus and it
will latch interrupts delivered on the front side bus.
The PBE# signal can be driven when the processor is in Stop-Grant state. PBE# will be
asserted if there is any pending interrupt latched within the processor. Pending
interrupts that are blocked by the EFLAGS.IF bit being clear will still cause assertion of
PBE#. Assertion of PBE# indicates to system logic that it should return the processor to
the Normal state.
7.2.4
Enhanced HALT Snoop or HALT Snoop State,
Stop Grant Snoop State
The Enhanced HALT Snoop state is used in conjunction with the Enhanced HALT state.
If the Enhanced HALT state is not enabled in the BIOS, the default Snoop state entered
will be the HALT Snoop state. Refer to the sections below for details on HALT Snoop
state, Stop Grant Snoop state and Enhanced HALT Snoop state.
7.2.4.1
HALT Snoop State, Stop Grant Snoop State
The processor will respond to snoop or interrupt transactions on the front side bus
while in Stop-Grant state or in HALT Power Down state. During a snoop or interrupt
transaction, the processor enters the HALT/Grant Snoop state. The processor will stay
in this state until the snoop on the front side bus has been serviced (whether by the
processor or another agent on the front side bus) or the interrupt has been latched.
After the snoop is serviced or the interrupt is latched, the processor will return to the
Stop-Grant state or HALT Power Down state, as appropriate.
7.2.4.2
Enhanced HALT Snoop State
The Enhanced HALT Snoop state is the default Snoop state when the Enhanced HALT
state is enabled via the BIOS. The processor will remain in the lower bus ratio and VID
operating point of the Enhanced HALT state.
While in the Enhanced HALT Snoop state, snoops and interrupt transactions are
handled the same way as in the HALT Snoop state. After the snoop is serviced or the
interrupt is latched, the processor will return to the Enhanced HALT state.
7.3
Enhanced Intel SpeedStep® Technology
The Dual-Core Intel Xeon Processor 5000 series support Enhanced Intel SpeedStep
Technology. This technology enables the processor to switch between multiple
frequency and voltage points, which results in platform power savings. Enhanced Intel
SpeedStep Technology requires support for dynamic VID transitions in the platform.
Switching between voltage/frequency states is software controlled.


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com