Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 85 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 85 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 81Page - Intel Corporation 313079-001 Datasheet HTML 82Page - Intel Corporation 313079-001 Datasheet HTML 83Page - Intel Corporation 313079-001 Datasheet HTML 84Page - Intel Corporation 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation 313079-001 Datasheet HTML 88Page - Intel Corporation 313079-001 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
85
Features
The Enhanced HALT state must be enabled by way of the BIOS for the processor to
remain within its specifications. The Enhanced HALT state requires support for dynamic
VID transitions in the platform.
7.2.3
Stop-Grant State
When the STPCLK# pin is asserted, the Stop-Grant state of the processor is entered 20
bus clocks after the response phase of the processor-issued Stop Grant Acknowledge
special bus cycle. Once the STPCLK# pin has been asserted, it may only be deasserted
once the processor is in the Stop Grant state. For the Dual-Core Intel Xeon Processor
5000 series, all logical processor cores will enter the Stop-Grant state once the
STPCLK# pin is asserted. Additionally, all logical cores must be in the Stop Grant state
before the deassertion of STPCLK#.
Since the AGTL+ signal pins receive power from the front side bus, these pins should
not be driven (allowing the level to return to VTT) for minimum power drawn by the
termination resistors in this state. In addition, all other input pins on the front side bus
should be driven to the inactive state.
BINIT# will not be serviced while the processor is in Stop-Grant state. The event will be
latched and can be serviced by software upon exit from the Stop Grant state.
Figure 7-1. Stop Clock State Machine
Enhanced HALT or HALT State
BCLK running
Snoops and interrupts allowed
Normal State
Normal execution
Enhanced HALT Snoop or HALT
Snoop State
BCLK running
Service snoops to caches
Stop Grant State
BCLK running
Snoops and interrupts allowed
Snoop
Event
Occurs
Snoop
Event
Serviced
INIT#, BINIT#, INTR, NMI, SMI#,
RESET#, FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop Event Occurs
Snoop Event Serviced
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
Stop Grant Snoop State
BCLK running
Service snoops to caches


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com