Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 84 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 84 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 80Page - Intel Corporation 313079-001 Datasheet HTML 81Page - Intel Corporation 313079-001 Datasheet HTML 82Page - Intel Corporation 313079-001 Datasheet HTML 83Page - Intel Corporation 313079-001 Datasheet HTML 84Page - Intel Corporation 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation 313079-001 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Features
84
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
needs to account for a variable number of processors asserting the Stop Grant SBC on
the bus before allowing the processor to be transitioned into one of the lower processor
power states. Refer to the applicable chipset specification for more information.
7.2.1
Normal State
This is the normal operating state for the processor.
7.2.2
HALT or Enhanced Powerdown States
The Enhanced HALT power down state is enabled by default in the Dual-Core Intel Xeon
Processor 5000 series. The Enhanced HALT power down state must remain enabled
via the BIOS. The Enhanced HALT state requires support for dynamic VID transitions in
the platform.
7.2.2.1
HALT Powerdown State
HALT is a low power state entered when all logical processors have executed the HALT
or MWAIT instruction. When one of the logical processors executes the HALT or MWAIT
instruction, that logical processor is halted; however, the other processor continues
normal operation. The processor will transition to the Normal state upon the occurrence
of SMI#, BINIT#, INIT#, LINT[1:0] (NMI, INTR), or an interrupt delivered over the
front side bus. RESET# will cause the processor to immediately initialize itself.
The return from a System Management Interrupt (SMI) handler can be to either
Normal Mode or the HALT Power Down state. Refer to the IA-32 Intel® Architecture
Software Developer's Manual, Volume III: System Programming Guide for more
information.
The system can generate a STPCLK# while the processor is in the HALT Power Down
state. When the system deasserts the STPCLK#, the processor will return execution to
the HALT state.
While in HALT Power Down state, the processor will process front side bus snoops and
interrupts.
7.2.2.2
Enhanced HALT Powerdown State
Enhanced HALT state is a low power state entered when all logical processors have
executed the HALT or MWAIT instructions. When one of the logical processors executes
the HALT instruction, that logical processor is halted; however, the other processor
continues normal operation. The Enhanced HALT state is generally a lower power state
than the Stop Grant state.
The processor will automatically transition to a lower core frequency and voltage
operating point before entering the Enhanced HALT state. Note that the processor FSB
frequency is not altered; only the internal core frequency is changed. When entering
the low power state, the processor will first switch to the lower bus ratio and then
transition to the lower VID.
While in the Enhanced HALT state, the processor will process bus snoops.
The processor exits the Enhanced HALT state when a break event occurs. When the
processor exits the Enhanced HALT state, it will first transition the VID to the original
value and then change the bus ratio back to the original value.


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com