Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 83 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 79Page - Intel Corporation 313079-001 Datasheet HTML 80Page - Intel Corporation 313079-001 Datasheet HTML 81Page - Intel Corporation 313079-001 Datasheet HTML 82Page - Intel Corporation 313079-001 Datasheet HTML 83Page - Intel Corporation 313079-001 Datasheet HTML 84Page - Intel Corporation 313079-001 Datasheet HTML 85Page - Intel Corporation 313079-001 Datasheet HTML 86Page - Intel Corporation 313079-001 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
83
Features
7
Features
7.1
Power-On Configuration Options
Several configuration options can be configured by hardware. The Dual-Core Intel Xeon
Processor 5000 series samples its hardware configuration at reset, on the active-to-
inactive transition of RESET#. For specifics on these options, please refer to Table 7-1.
The sampled information configures the processor for subsequent operation. These
configuration options cannot be changed except by another reset. All resets reconfigure
the processor, for reset configuration purposes, the processor does not distinguish
between a “warm” reset (PWRGOOD signal remains asserted during reset) and a
“power-on” reset.
Notes:
1.
Asserting this signal during RESET# will select the corresponding option.
2.
Address pins not identified in this table as configuration options should not be asserted during RESET#.
3.
This mode is not tested.
7.2
Clock Control and Low Power States
The Dual-Core Intel Xeon Processor 5000 series support the Enhanced HALT
Powerdown state in addition to the HALT Powerdown state and Stop-Grant states to
reduce power consumption by stopping the clock to internal sections of the processor,
depending on each particular state. See Figure 7-1 for a visual representation of the
processor low power states.
The Enhanced HALT state is enabled by default in the Dual-Core Intel Xeon Processor
5000 series. The Enhanced HALT state must remain enabled via the BIOS for the
processor to remain within its specifications. For processors that are already running at
the lowest core to bus ratio for its nominal operating point, the processor will transition
to the HALT Powerdown state instead of the Enhanced HALT state.
The Stop Grant state requires chipset and BIOS support on multiprocessor systems. In
a multiprocessor system, all the STPCLK# signals are bussed together, thus all
processors are affected in unison. The Hyper-Threading Technology feature adds the
conditions that all logical processors share the same STPCLK# signal internally. When
the STPCLK# signal is asserted, the processor enters the Stop Grant state, issuing a
Stop Grant Special Bus Cycle (SBC) for each processor or logical processor. The chipset
Table 7-1.
Power-On Configuration Option Lands
Configuration Option
Land Name
Notes
Output tri state
SMI#
1,2
Execute BIST (Built-In Self Test)
A3#
1,2
In Order Queue de-pipelining (set IOQ depth to
1)
A7#
1,2
Disable MCERR# observation
A9#
1,2
Disable BINIT# observation
A10#
1,2
Disable bus parking
A15#
1,2
Symmetric agent arbitration ID
BR[1:0]#
1,2
Force single logical processor
A31#
1,2,3


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com