Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 78 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 78 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 74Page - Intel Corporation 313079-001 Datasheet HTML 75Page - Intel Corporation 313079-001 Datasheet HTML 76Page - Intel Corporation 313079-001 Datasheet HTML 77Page - Intel Corporation 313079-001 Datasheet HTML 78Page - Intel Corporation 313079-001 Datasheet HTML 79Page - Intel Corporation 313079-001 Datasheet HTML 80Page - Intel Corporation 313079-001 Datasheet HTML 81Page - Intel Corporation 313079-001 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
Thermal Specifications
78
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
the system tries to enable On-Demand mode at the same time the TCC is engaged, the
factory configured duty cycle of the TCC will override the duty cycle selected by the On-
Demand mode.
6.2.3
PROCHOT# Signal
An external signal, PROCHOT# (processor hot) is asserted when the processor die
temperature has reached its factory configured trip point. If Thermal Monitor is enabled
(note that Thermal Monitor must be enabled for the processor to be operating within
specification), the TCC will be active when PROCHOT# is asserted. The processor can
be configured to generate an interrupt upon the assertion or de-assertion of
PROCHOT#. Refer to the Intel Architecture Software Developer’s Manual for specific
register and programming details.
PROCHOT# is designed to assert at or a few degrees higher than maximum TCASE (as
specified by Thermal Profile A) when dissipating TDP power and cannot be interpreted
as an indication of processor case temperature. This temperature delta accounts for
processor package, lifetime and manufacturing variations and attempts to ensure the
Thermal Control Circuit is not activated below maximum TCASE when dissipating TDP
power. There is no defined or fixed correlation between the PROCHOT# trip
temperature, the case temperature or the thermal diode temperature. Thermal
solutions must be designed to the processor specifications and cannot be adjusted
based on experimental measurements of TCASE, PROCHOT#, or Tdiode on random
processor samples.
6.2.4
FORCEPR# Signal
The FORCEPR# (force power reduction) input can be used by the platform to cause the
Dual-Core Intel Xeon Processor 5000 series to activate the TCC. If the Thermal Monitor
is enabled, the TCC will be activated upon the assertion of the FORCEPR# signal.
Assertion of the FORCEPR# signal will activate TCC for both processor cores. The TCC
will remain active until the system deasserts FORCEPR#. FORCEPR# is an
asynchronous input. FORCEPR# can be used to thermally protect other system
components. To use the VR as an example, when FORCEPR# is asserted, the TCC
circuit in the processor will activate, reducing the current consumption of the processor
and the corresponding temperature of the VR.
It should be noted that assertion of FORCEPR# does not automatically assert
PROCHOT#. As mentioned previously, the PROCHOT# signal is asserted when a high
temperature situation is detected. A minimum pulse width of 500 µs is recommended
when FORCEPR# is asserted by the system. Sustained activation of the FORCEPR#
signal may cause noticeable platform performance degradation. Refer to the
appropriate platform design guidelines for details on implementing the FORCEPR#
signal feature.
6.2.5
THERMTRIP# Signal
Regardless of whether or not Thermal Monitor is enabled, in the event of a catastrophic
cooling failure, the processor will automatically shut down when the silicon has reached
an elevated temperature (refer to the THERMTRIP# definition in Table 5-1). At this
point, the FSB signal THERMTRIP# will go active and stay active as described in
Table 5-1. THERMTRIP# activation is independent of processor activity and does not
generate any bus cycles. Intel also recommends the removal of VTT.


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com