Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 77 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 77 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 73Page - Intel Corporation 313079-001 Datasheet HTML 74Page - Intel Corporation 313079-001 Datasheet HTML 75Page - Intel Corporation 313079-001 Datasheet HTML 76Page - Intel Corporation 313079-001 Datasheet HTML 77Page - Intel Corporation 313079-001 Datasheet HTML 78Page - Intel Corporation 313079-001 Datasheet HTML 79Page - Intel Corporation 313079-001 Datasheet HTML 80Page - Intel Corporation 313079-001 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
77
Thermal Specifications
6.2
Processor Thermal Features
6.2.1
Thermal Monitor
The Thermal Monitor (TM1) feature helps control the processor temperature by
activating the Thermal Control Circuit (TCC) when the processor silicon reaches its
maximum operating temperature. The TCC reduces processor power consumption as
needed by modulating (starting and stopping) the internal processor core clocks. The
Thermal Monitor (TM1) must be enabled for the processor to be operating within
specifications. The temperature at which Thermal Monitor activates the thermal control
circuit is not user configurable and is not software visible. Bus traffic is snooped in the
normal manner, and interrupt requests are latched (and serviced during the time that
the clocks are on) while the TCC is active.
When the Thermal Monitor is enabled and a high temperature situation exists (that is,
TCC is active), the clocks will be modulated by alternately turning the clocks off and on
at a duty cycle specific to the processor (typically 30 -50%). Cycle times are processor
speed dependent and will decrease as processor core frequencies increase. A small
amount of hysteresis has been included to prevent rapid active/inactive transitions of
the TCC when the processor temperature is near its maximum operating temperature.
Once the temperature has dropped below the maximum operating temperature, and
the hysteresis timer has expired, the TCC goes inactive and clock modulation ceases.
With a thermal solution designed to meet Thermal Profile A, it is anticipated that the
TCC would only be activated for very short periods of time when running the most
power intensive applications. The processor performance impact due to these brief
periods of TCC activation is expected to be so minor that it would be immeasurable. A
thermal solution that is designed to Thermal Profile B may cause a noticeable
performance loss due to increased TCC activation. Thermal Solutions that exceed
Thermal Profile B will exceed the maximum temperature specification and affect the
long-term reliability of the processor. In addition, a thermal solution that is significantly
under designed may not be capable of cooling the processor even when the TCC is
active continuously. Refer to the Dual-Core Intel® Xeon® Processor 5000 Series
Thermal/Mechanical Design Guidelines for information on designing a thermal solution.
The duty cycle for the TCC, when activated by the TM1, is factory configured and
cannot be modified. The TM1 does not require any additional hardware, software
drivers, or interrupt handling routines.
6.2.2
On-Demand Mode
The processor provides an auxiliary mechanism that allows system software to force
the processor to reduce its power consumption. This mechanism is referred to as “On-
Demand” mode and is distinct from the Thermal Monitor feature. On-Demand mode is
intended as a means to reduce system level power consumption. Systems utilizing the
Dual-Core Intel Xeon Processor 5000 series must not rely on software usage of this
mechanism to limit the processor temperature. If bit 4 of the
IA32_CLOCK_MODULATION MSR is set to a ‘1’, the processor will immediately reduce
its power consumption via modulation (starting and stopping) of the internal core clock,
independent of the processor temperature. When using On-Demand mode, the duty
cycle of the clock modulation is programmable via bits 3:1 of the same
IA32_CLOCK_MODULATION MSR. In On-Demand mode, the duty cycle can be
programmed from 12.5% on/ 87.5% off to 87.5% on/12.5% off in 12.5% increments.
On-Demand mode may be used in conjunction with the Thermal Monitor; however, if


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com