Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 75 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 75 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 71Page - Intel Corporation 313079-001 Datasheet HTML 72Page - Intel Corporation 313079-001 Datasheet HTML 73Page - Intel Corporation 313079-001 Datasheet HTML 74Page - Intel Corporation 313079-001 Datasheet HTML 75Page - Intel Corporation 313079-001 Datasheet HTML 76Page - Intel Corporation 313079-001 Datasheet HTML 77Page - Intel Corporation 313079-001 Datasheet HTML 78Page - Intel Corporation 313079-001 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
75
Thermal Specifications
Notes:
1.
Thermal Profile is representative of a volumetrically constrained platform. Please refer to Table 6-8 for
discrete points that constitute the thermal profile.
2.
Implementation of Thermal Profile should result in virtually no TCC activation. Furthermore, utilization of
thermal solutions that do not meet Thermal Profile will not meet the processor’s thermal specifications and
may result in permanent damage to the processor.
3.
Refer to the Dual-Core Intel® Xeon® Processor 5000 Series Thermal/Mechanical Design Guidelines for
system and environment implementation details.
6.1.2
Thermal Metrology
The minimum and maximum case temperatures (TCASE) specified in Table 6-2,
Table 6-3, Table 6-5, and Table 6-6 are measured at the geometric top center of the
processor integrated heat spreader (IHS). Figure 6-4 illustrates the location where
Figure 6-3. Dual-Core Intel Xeon Processor 5063 (MV) Thermal Profile
Thermal Profile
40
45
50
55
60
65
70
0
10
2030
40
5060
70
80
90
100
Pow e r [W]
Thermal Profile
Y = 0.260*x + 42.3
TCASE_MAX@TDP
Thermal Profile
40
45
50
55
60
65
70
0
10
2030
40
5060
70
80
90
100
Pow e r [W]
Thermal Profile
Y = 0.260*x + 42.3
TCASE_MAX@TDP
Table 6-8.
Dual-Core Intel Xeon Processor 5063 (MV) Thermal Profile Table
Power (W)
TCASE_MAX (° C)
Power (W)
TCASE_MAX (° C)
P_profile_min_B=29.6
50.0
75
61.8
35
51.4
80
63.1
40
52.7
85
64.4
45
54.0
90
65.7
50
55.3
95
67.0
55
56.6
60
57.9
65
59.2
70
60.5


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com