Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 69 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 69 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation 313079-001 Datasheet HTML 67Page - Intel Corporation 313079-001 Datasheet HTML 68Page - Intel Corporation 313079-001 Datasheet HTML 69Page - Intel Corporation 313079-001 Datasheet HTML 70Page - Intel Corporation 313079-001 Datasheet HTML 71Page - Intel Corporation 313079-001 Datasheet HTML 72Page - Intel Corporation 313079-001 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
69
Thermal Specifications
6
Thermal Specifications
6.1
Package Thermal Specifications
The Dual-Core Intel Xeon Processor 5000 series require a thermal solution to maintain
temperatures within its operating limits. Any attempt to operate the processor outside
these operating limits may result in permanent damage to the processor and
potentially other components within the system. As processor technology changes,
thermal management becomes increasingly crucial when building computer systems.
Maintaining the proper thermal environment is key to reliable, long-term system
operation.
A complete solution includes both component and system level thermal management
features. Component level thermal solutions can include active or passive heatsinks
attached to the processor integrated heat spreader (IHS). Typical system level thermal
solutions may consist of system fans combined with ducting and venting.
This section provides data necessary for developing a complete thermal solution. For
more information on designing a component level thermal solution, refer to the Dual-
Core Intel® Xeon® Processor 5000 Series Thermal/Mechanical Design Guidelines.
Note:
The boxed processor will ship with a component thermal solution. Refer to Chapter 8,
“Boxed Processor Specifications”for details on the boxed processor.
6.1.1
Thermal Specifications
To allow the optimal operation and long-term reliability of Intel processor-based
systems, the processor must remain within the minimum and maximum case
temperature (TCASE) specifications as defined by the applicable thermal profile (refer to
Table 6-1, Table 6-4 and Table 6-7; Figure 6-1, Figure 6-2 and Figure 6-3). Thermal
solutions not designed to provide this level of thermal capability may affect the long-
term reliability of the processor and system. For more details on thermal solution
design, please refer to the processor thermal/mechanical design guidelines.
The Dual-Core Intel Xeon Processor 5000 series implement a methodology for
managing processor temperatures, which is intended to support acoustic noise
reduction through fan speed control and to ensure processor reliability. Selection of the
appropriate fan speed is based on the temperature reported by the processor’s Thermal
Diode. If the diode temperature is greater than or equal to Tcontrol (refer to
Section 6.2.6), then the processor case temperature must remain at or below the
temperature specified by the thermal profile (refer to Figure 6-1, Figure 6-2 and
Figure 6-3). If the diode temperature is less than Tcontrol, then the case temperature
is permitted to exceed the thermal profile, but the diode temperature must remain at
or below Tcontrol. Systems that implement fan speed control must be designed to take
these conditions into account. Systems that do not alter the fan speed only need to
guarantee the case temperature meets the thermal profile specifications.
Intel has developed two thermal profiles, either of which can be implemented with the
Dual-Core Intel Xeon Processor 5000 series. Both ensure adherence to Intel reliability
requirements. Thermal Profile A (refer to Figure 6-1, Figure 6-2; Table 6-2 and
Table 6-5) is representative of a volumetrically unconstrained thermal solution (that is,
industry enabled 2U heatsink). In this scenario, it is expected that the Thermal Control
Circuit (TCC) would only be activated for very brief periods of time when running the
most power intensive applications. Thermal Profile B (refer to Figure 6-1 and


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com