Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 67 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation 313079-001 Datasheet HTML 67Page - Intel Corporation 313079-001 Datasheet HTML 68Page - Intel Corporation 313079-001 Datasheet HTML 69Page - Intel Corporation 313079-001 Datasheet HTML 70Page - Intel Corporation 313079-001 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
67
Signal Definitions
TESTHI[11:0]
I
TESTHI[11:0] must be connected to a V
TT power source through a resistor for proper
processor operation. Refer to Section 2.6 for TESTHI grouping restrictions.
THERMDA
THERMDA2
Other
Thermal Diode Anode. THERMDA connects to processor core 0, THERMDA2 connects
to processor core 1. Refer to the appropriate platform design guidelines for
implementation details.
THERMDC
THERMDC2
Other
Thermal Diode Cathode. THERMDC connects to processor core 0. THERMDC2
connects to processor core 1. Refer to the appropriate platform design guidelines for
implementation details.
THERMTRIP#
O
Assertion of THERMTRIP# (Thermal Trip) indicates the processor junction
temperature has reached a temperature beyond which permanent silicon damage
may occur. Measurement of the temperature is accomplished through an internal
thermal sensor. Upon assertion of THERMTRIP#, the processor will shut off its
internal clocks (thus halting program execution) in an attempt to reduce the
processor junction temperature. To protect the processor its core voltage (VCC) must
be removed following the assertion of THERMTRIP#. Intel is currently evaluating
whether VTT must also be removed.
Driving of the THERMTRIP# signals is enabled within 10 ms of the assertion of
PWRGOOD and is disabled on de-assertion of PWRGOOD. Once activated,
THERMTRIP# remains latched until PWRGOOD is de-asserted. While the de-assertion
of the PWRGOOD signal will de-assert THERMTRIP#, if the processor’s junction
temperature remains at or above the trip level, THERMTRIP# will again be asserted
within 10 ms of the assertion of PWRGOOD.
1
TMS
I
TMS (Test Mode Select) is a JTAG specification support signal used by debug tools.
See the eXtended Debug Port: Debug Port Design Guide for UP and DP Platforms for
further information.
TRDY#
I
TRDY# (Target Ready) is asserted by the target to indicate that it is ready to receive
a write or implicit writeback data transfer. TRDY# must connect the appropriate pins
of all FSB agents.
TRST#
I
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST# must be driven
low during power on Reset.
VCCA
IVCCA provides isolated power for the analog portion of the internal processor core
PLL’s. Refer to the appropriate platform design guidelines for complete
implementation details.
VCCIOPLL
IVCCIOPLL provides isolated power for digital portion of the internal processor core
PLL’s. Follow the guidelines for VCCA, and refer to the appropriate platform design
guidelines for complete implementation details.
VCC_DIE_SENSE
VCC_DIE_SENSE2
O
VCC_DIE_SENSE and VCC_DIE_SENSE2 provide an isolated, low impedance
connection to each processor core power and ground. These signals should be
connected to the voltage regulator feedback signal, which insures the output voltage
(that is, processor voltage) remains within specification. Please see the applicable
platform design guide for implementation details.
VID[5:0]
O
VID[5:0] (Voltage ID) pins are used to support automatic selection of power supply
voltages (VCC). These are CMOS signals that are driven by the processor and must be
pulled up through a resistor. Conversely, the voltage regulator output must be
disabled prior to the voltage supply for these pins becomes invalid. The VID pins are
needed to support processor voltage specification variations. See Table 2-3 for
definitions of these pins. The VR must supply the voltage that is requested by these
pins, or disable itself.
VID_SELECT
O
VID_SELECT is an output from the processor which selects the appropriate VID table
for the Voltage Regulator. Dual-Core Intel Xeon Processor 5000 series pull this signal
to ground on the package as this signal is not connected to the processor die.
VSS_DIE_SENSE
VSS_DIE_SENSE2
O
VSS_DIE_SENSE and VSS_DIE_SENSE2 provide an isolated, low impedance
connection to each processor core power and ground. These signals should be
connected to the voltage regulator feedback signal, which insures the output voltage
(that is, processor voltage) remains within specification. Please see the applicable
platform design guide for implementation details.
VSSA
IVSSA provides an isolated, internal ground for internal PLL’s. Do not connect directly
to ground. This pin is to be connected to VCCA and VCCIOPLL through a discrete filter
circuit.
Table 5-1.
Signal Definitions (Sheet 7 of 8)
Name
Type
Description
Notes


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com