Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 66 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 66 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 62Page - Intel Corporation 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation 313079-001 Datasheet HTML 67Page - Intel Corporation 313079-001 Datasheet HTML 68Page - Intel Corporation 313079-001 Datasheet HTML 69Page - Intel Corporation 313079-001 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
Signal Definitions
66
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
PWRGOOD
I
PWRGOOD (Power Good) is an input. The processor requires this signal to be a clean
indication that all processor clocks and power supplies are stable and within their
specifications. “Clean” implies that the signal will remain low (capable of sinking
leakage current), without glitches, from the time that the power supplies are turned
on until they come within specification. The signal must then transition monotonically
to a high state.PWRGOOD can be driven inactive at any time, but clocks and power
must again be stable before a subsequent rising edge of PWRGOOD. It must also
meet the minimum pulse width specification in Table 2-15, and be followed by a
1-10 ms RESET# pulse.
The PWRGOOD signal must be supplied to the processor; it is used to protect internal
circuits against voltage sequencing issues. It should be driven high throughout
boundary scan operation.
2
REQ[4:0]#
I/O
REQ[4:0]# (Request Command) must connect the appropriate pins of all processor
FSB agents. They are asserted by the current bus owner to define the currently
active transaction type. These signals are source synchronous to ADSTB[1:0]#.
Refer to the AP[1:0]# signal description for details on parity checking of these
signals.
3
RESET#
I
Asserting the RESET# signal resets all processors to known states and invalidates
their internal caches without writing back any of their contents. For a power-on
Reset, RESET# must stay active for at least 1 ms after VCC and BCLK have reached
their proper specifications. On observing active RESET#, all FSB agents will deassert
their outputs within two clocks. RESET# must not be kept asserted for more than 10
ms while PWRGOOD is asserted.
A number of bus signals are sampled at the active-to-inactive transition of RESET#
for power-on configuration. These configuration options are described in the
Section 7.1.
This signal does not have on-die termination and must be terminated on the
system board.
3
RS[2:0]#
I
RS[2:0]# (Response Status) are driven by the response agent (the agent responsible
for completion of the current transaction), and must connect the appropriate pins of
all processor FSB agents.
3
RSP#
I
RSP# (Response Parity) is driven by the response agent (the agent responsible for
completion of the current transaction) during assertion of RS[2:0]#, the signals for
which RSP# provides parity protection. It must connect to the appropriate pins of all
processor FSB agents.
A correct parity signal is high if an even number of covered signals are low and low if
an odd number of covered signals are low. While RS[2:0]# = 000, RSP# is also high,
since this indicates it is not being driven by any agent guaranteeing correct parity.
3
SKTOCC#
O
SKTOCC# (Socket occupied) will be pulled to ground by the processor to indicate that
the processor is present. There is no connection to the processor silicon for this
signal.
SMI#
I
SMI# (System Management Interrupt) is asserted asynchronously by system logic.
On accepting a System Management Interrupt, processors save the current state and
enter System Management Mode (SMM). An SMI Acknowledge transaction is issued,
and the processor begins program execution from the SMM handler.
If SMI# is asserted during the deassertion of RESET# the processor will tri-state its
outputs.
2
STPCLK#
I
STPCLK# (Stop Clock), when asserted, causes processors to enter a low power Stop-
Grant state. The processor issues a Stop-Grant Acknowledge transaction, and stops
providing internal clock signals to all processor core units except the FSB and APIC
units. The processor continues to snoop bus transactions and service interrupts while
in Stop-Grant state. When STPCLK# is deasserted, the processor restarts its internal
clock to all units and resumes execution. The assertion of STPCLK# has no effect on
the bus clock; STPCLK# is an asynchronous input.
2
TCK
I
TCK (Test Clock) provides the clock input for the processor Test Bus (also known as
the Test Access Port).
TDI
I
TDI (Test Data In) transfers serial test data into the processor. TDI provides the
serial input needed for JTAG specification support.
TDO
O
TDO (Test Data Out) transfers serial test data out of the processor. TDO provides the
serial output needed for JTAG specification support.
TEST_BUS
Other
Must be connected to all other processor TEST_BUS signals in the system. See the
appropriate platform design guideline for termination details.
Table 5-1.
Signal Definitions (Sheet 6 of 8)
Name
Type
Description
Notes


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com