Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 64 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation 313079-001 Datasheet HTML 62Page - Intel Corporation 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation 313079-001 Datasheet HTML 67Page - Intel Corporation 313079-001 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
Signal Definitions
64
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
DSTBN[3:0]#
I/O
Data strobe used to latch in D[63:0]#.
3
DSTBP[3:0]#
I/O
Data strobe used to latch in D[63:0]#.
3
FERR#/PBE#
O
FERR#/PBE# (floating-point error/pending break event) is a multiplexed signal and
its meaning is qualified by STPCLK#. When STPCLK# is not asserted, FERR#/PBE#
indicates a floating-point error and will be asserted when the processor detects an
unmasked floating-point error. When STPCLK# is not asserted, FERR#/PBE# is
similar to the ERROR# signal on the Intel 387 coprocessor, and is included for
compatibility with systems using MS-DOS*-type floating-point error reporting. When
STPCLK# is asserted, an assertion of FERR#/PBE# indicates that the processor has a
pending break event waiting for service. The assertion of FERR#/PBE# indicates that
the processor should be returned to the Normal state. For additional information on
the pending break event functionality, including the identification of support of the
feature and enable/disable information, refer to Vol. 3 of the Intel Architecture
Software Developer’s Manual and the Intel Processor Identification and the CPUID
Instruction application note.
2
FORCEPR#
I
The FORCEPR# (force power reduction) input can be used by the platform to cause
the Dual-Core Intel Xeon Processor 5000 series to activate the Thermal Control
Circuit (TCC).
GTLREF_ADD_C0
GTLREF_ADD_C1
I
GTLREF_ADD_C0 and GTLREF_ADD_C1 determine the signal reference level for
AGTL+ address and common clock input lands on processor core 0 and processor
core 1 respectively. GTLREF_ADD is used by the AGTL+ receivers to determine if a
signal is a logical 0 or a logical 1. Please refer to the appropriate platform design
guidelines for additional details.
GTLREF_DATA_C0
GTLREF_DATA_C1
I
GTLREF_DATA_C0 AND GTLREF_DATA_C1 determine the signal reference level for
AGTL+ data input lands on processor core 0 and processor core 1 respectively.
GTLREF_DATA is used by the AGTL+ receivers to determine if a signal is a logical 0 or
a logical 1. Please refer to the appropriate platform design guidelines for additional
details.
HIT#
HITM#
I/O
I/O
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction snoop operation
results. Any FSB agent may assert both HIT# and HITM# together to indicate that it
requires a snoop stall, which can be continued by reasserting HIT# and HITM#
together.
3
IERR#
O
IERR# (Internal Error) is asserted by a processor as the result of an internal error.
Assertion of IERR# is usually accompanied by a SHUTDOWN transaction on the
processor FSB. This transaction may optionally be converted to an external error
signal (for example, NMI) by system core logic. The processor will keep IERR#
asserted until the assertion of RESET#.
This signal does not have on-die termination.
2
Table 5-1.
Signal Definitions (Sheet 4 of 8)
Name
Type
Description
Notes
Signals
Associated Strobes
D[15:0]#, DBI0#
DSTBN0#
D[31:16]#, DBI1#
DSTBN1#
D[47:32]#, DBI2#
DSTBN2#
D[63:48]#, DBI3#
DSTBN3#
Signals
Associated Strobes
D[15:0]#, DBI0#
DSTBP0#
D[31:16]#, DBI1#
DSTBP1#
D[47:32]#, DBI2#
DSTBP2#
D[63:48]#, DBI3#
DSTBP3#


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com