Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 63 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 63 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation 313079-001 Datasheet HTML 62Page - Intel Corporation 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation 313079-001 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
63
Signal Definitions
D[63:0]#
I/O
D[63:0]# (Data) are the data signals. These signals provide a 64-bit data path
between the processor FSB agents, and must connect the appropriate pins on all
such agents. The data driver asserts DRDY# to indicate a valid data transfer.
D[63:0]# are quad-pumped signals, and will thus be driven four times in a
common clock period. D[63:0]# are latched off the falling edge of both
DSTBP[3:0]# and DSTBN[3:0]#. Each group of 16 data signals
correspond to a pair of one DSTBP# and one DSTBN#. The following table
shows the grouping of data signals to strobes and DBI#.
Furthermore, the DBI# signals determine the polarity of the data signals.
Each group of 16 data signals corresponds to one DBI# signal. When the
DBI# signal is active, the corresponding data group is inverted and
therefore sampled active high.
3
DBI[3:0]#
I/O
DBI[3:0]# (Data Bus Inversion) are source synchronous and indicate the polarity of
the D[63:0]# signals. The DBI[3:0]# signals are activated when the data on the data
bus is inverted. If more than half the data bits, within, within a 16-bit group, would
have been asserted electronically low, the bus agent may invert the data bus signals
for that particular sub-phase for that 16-bit group.
3
DBR#
O
DBR# is used only in systems where no debug port connector is implemented on the
system board. DBR# is used by a debug port interposer so that an in-target probe
can drive system reset. If a debug port connector is implemented in the system,
DBR# is treated as a no connect for the processor socket. DBR# is not a processor
signal.
DBSY#
I/O
DBSY# (Data Bus Busy) is asserted by the agent responsible for driving data on the
processor FSB to indicate that the data bus is in use. The data bus is released after
DBSY# is deasserted. This signal must connect the appropriate pins on all processor
FSB agents.
3
DEFER#
I
DEFER# is asserted by an agent to indicate that a transaction cannot be guaranteed
in-order completion. Assertion of DEFER# is normally the responsibility of the
addressed memory or I/O agent. This signal must connect the appropriate pins of all
processor FSB agents.
3
DP[3:0]#
I/O
DP[3:0]# (Data Parity) provide parity protection for the D[63:0]# signals. They are
driven by the agent responsible for driving D[63:0]#, and must connect the
appropriate pins of all processor FSB agents.
3
DRDY#
I/O
DRDY# (Data Ready) is asserted by the data driver on each data transfer, indicating
valid data on the data bus. In a multi-common clock data transfer, DRDY# may be
deasserted to insert idle clocks. This signal must connect the appropriate pins of all
processor FSB agents.
3
Table 5-1.
Signal Definitions (Sheet 3 of 8)
Name
Type
Description
Notes
Data Group
DSTBN#/
DSTBP#
DBI#
D[15:0]#
0
0
D[31:16]#
1
1
D[47:32]#
2
2
D[63:48]#
3
3
DBI[3:0]# Assignment to Data Bus
Bus Signal
Data Bus Signals
DBI0#
D[15:0]#
DBI1#
D[31:16]#
DBI2#
D[47:32]#
DBI3#
D[63:48]#


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com