Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 31 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 31 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 27Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 28Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 29Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 30Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 31Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 32Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 33Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 34Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 35Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
MB90800 Series
DS07-13733-6E
31
3.
I2C Interface
I2C interface is the serial input/output port that support Inter IC BUS and functions as the master/slave device
on the I2C bus. MB90800 series have 1 channel of the built-in I2C interface.
It has the features of I2C interface below.
• Master/slave sending and receiving
• Arbitration function
• Clock synchronization function
• Slave address and general call address detection function
• Detecting transmitting direction function
• Repeat generating and detecting function of the start conditions
• Bus error detection function
• The forwarding rate can be supported to 100 kbps.
(1) Register list
I2C status register (IBSR)
I2C control register (IBCR)
I2C clock control register (ICCR)
I2C data register(IDAR)
I2C address register (IADR)
- : Unused
bit
Initial Value
Address :00006AH
00000000B
Read/Write
bit
Initial Value
Address :00006BH
00000000B
Read/Write
bit
Initial Value
Address :00006CH
XX0XXXXXB
Read/Write
bit
Initial Value
Address :00006EH
XXXXXXXXB
Read/Write
bit
Initial Value
Address :00006DH
XXXXXXXXB
Read/Write
76
5
4
3
2
1
0
RSC
BB
AL
LRB
TRX
AAS
GCA
FBT
R
RR
R
R
R
R
R
15
14
13
12
11
10
9
8
BEIE
BER
SCC
MSS
ACK
GCAA
INTE
INT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
EN
CS4
CS3
CS2
CS1
CS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
D6
R/W
D7
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
A6
A5
A4
A3
A2
A1
A0


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com