Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 26 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 26 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 22Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 23Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 24Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 25Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 26Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 27Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 28Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 29Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 30Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
MB90800 Series
26
DS07-13733-6E
(2) Port direction register
When each terminal functions as a port, each correspondent pin are controlled by the port direction register to
following;
0 : Input mode
1 : Output mode
This bit becomes “0” after a reset.
Note : When accessing this register by using the instruction of the read modify write system (instructions such as
bit set) is mode, the bit targeted by an instruction becomes the defined value. However, the content of the
output register set to input with the other changes to input value of the pin at that time. Therefore, be sure
to write an expected value into PDR firstly, and then set DDR and finally change to the output when changing
the input pin to the output pin is made.
- : Unused
DDR0
bit
Initial Value
Access
Address : 000010H
00000000B
R/W
DDR1
bit
Address : 000011H
00000000B
R/W
DDR2
bit
Address : 000012H
00000000B
R/W
DDR3
bit
Address : 000013H
00000000B
R/W
DDR4
bit
Address : 000014H
00000000B
R/W
DDR5
bit
Address : 000015H
00000000B
R/W
DDR6
bit
Address : 000016H
00000000B
R/W
DDR7
bit
Address : 000017H
- 0000000B
R/W
DDR8
bit
Address : 000018H
- - - 00000B
R/W
DDR9
bit
Address : 000019H
- - - - - - 00B
R/W
76
5
4
3
21
0
D06
D07
D05
D04
D03
D02
D01
D00
15
14
13
12
11
10
9
8
D16
D17
D15
D14
D13
D12
D11
D10
76
5
4
3
2
1
0
D26
D27
D25
D24
D23
D22
D21
D20
15
14
13
12
11
10
9
8
D36
D37
D35
D34
D33
D32
D31
D30
76
5
4
3
2
1
0
D46
D47
D45
D44
D43
D42
D41
D40
15
14
13
12
11
10
9
8
D56
D57
D55
D54
D53
D52
D51
D50
76
5
4
3
2
1
0
D66
D67
D65
D64
D63
D62
D61
D60
15
14
13
12
11
10
9
8
D75
D74
D73
D72
D71
D70
D76
76
5
4
3
2
1
0
D84
D83
D82
D81
D80
15
14
13
12
11
10
9
8
D91
D90


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com