Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 25 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 25 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 21Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 22Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 23Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 24Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 25Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 26Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 27Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 28Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 29Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
MB90800 Series
DS07-13733-6E
25
■ PERIPHERAL RESOURCES
1.
I/O port
The I/O ports function to output data from the CPU to I/O pins by setting their port data register (PDR) and send
signals input to I/O pins to the CPU. In addition, the port can randomly set the direction of the input/output of
the port in bit by the port direction register (DDR).
The MB90800 series has 68 (70 ports when the subclock is not used) input/output pins. Port0 to port8 (port0 to
port9 when product without the subclock is used) are input/output port.
(1) Port data register
* : R/W access to I/O ports is a bit different in behavior from R/W access to memory as follows
• Input mode
When reading : Read the corresponding pin level.
When writing : Write into the latch for the output.
• Output mode
When reading : Read the value of the data register latch.
When writing : Write into the corresponding pin.
- : Unused
PDR0
bit
Initial Value
Access
Address : 000000H
Indeterminate
R/W*
PDR1
bit
Address : 000001H
Indeterminate
R/W*
PDR2
bit
Address : 000002H
Indeterminate
R/W*
PDR3
bit
Address : 000003H
Indeterminate
R/W*
PDR4
bit
Address : 000004H
Indeterminate
R/W*
PDR5
bit
Address : 000005H
Indeterminate
R/W*
PDR6
bit
Address : 000006H
Indeterminate
R/W*
PDR7
bit
Address : 000007H
Indeterminate
R/W*
PDR8
bit
Address : 000008H
Indeterminate
R/W*
PDR9
bit
Address : 000009H
Indeterminate
R/W*
76
5
4
3
2
1
0
P06
P07
P05
P04
P03
P02
P01
P00
15
14
13
12
11
10
9
8
P16
P17
P15
P14
P13
P12
P11
P10
76
5
4
3
2
1
0
P26
P27
P25
P24
P23
P22
P21
P20
15
14
13
12
11
10
9
8
P36
P37
P35
P34
P33
P32
P31
P30
76
5
4
3
2
1
0
P46
P47
P45
P44
P43
P42
P41
P40
15
14
13
12
11
10
9
8
P56
P57
P55
P54
P53
P52
P51
P50
76
5
4
3
2
1
0
P66
P65
P64
P63
P62
P61
P60
P67
15
14
13
12
11
10
9
8
P76
P75
P74
P73
P72
P71
P70
76
5
4
3
2
1
0
P84
P83
P82
P81
P80
15
14
13
12
11
10
9
8
P91
P90


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com