Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 24 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 24 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 20Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 21Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 22Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 23Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 24Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 25Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 26Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 27Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 28Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
MB90800 Series
24
DS07-13733-6E
INTERRUPT SOURCES, INTERRUPT VECTORS AND INTERRUPT CONTROL REGISTERS
: Available
× : Unavailable
: Available El2OS function is provided.
: Available when a cause of interrupt sharing a same ICR is not used.
* : When interrupts of the same level are output at the same time, the interrupt with the smallest interrupt vector
number has the priority.
• For a resource that has two interrupt causes in the same interrupt control register (ICR), use of EI2OS is
enabled, EI2OS is started upon detection of one of the interrupt causes. As interrupts other than the start
cause are masked during EI2OS start, masking one of the interrupt causes is recommended when using EI2OS.
• For a resource that has two interrupt causes in the same interrupt control register (ICR), the interrupt flag is
cleared by an EI2OS interrupt clear signal.
Interrupt source
EI2OS
readiness
Interrupt vector
Interrupt control register
Priority
Number*
Address
ICR
Address
Reset
×
#08
08H
FFFFDCH
⎯⎯
High
INT 9 instruction
×
#09
09H
FFFFD8H
⎯⎯
Exceptional treatment
×
#10
0AH
FFFFD4H
⎯⎯
DTP/External interrupt ch.0
#11
0BH
FFFFD0H
ICR00
0000B0H
DTP/External interrupt ch.1
#13
0DH
FFFFC8H
ICR01
0000B1H
Serial I/O ch.2
×
#15
0FH
FFFFC0H
ICR02
0000B2H
DTP/External interrupt ch.2/ch.3
#16
10H
FFFFBCH
Serial I/O ch.3
×
#17
11H
FFFFB8H
ICR03
0000B3H
16-bit free-run timer
#18
12H
FFFFB4H
Watch timer
×
#19
13H
FFFFB0H
ICR04
0000B4H
16-bit Reload Timer ch.2
#21
15H
FFFFA8H
ICR05
0000B5H
16-bit Reload Timer ch.0
#23
17H
FFFFA0H
ICR06
0000B6H
16-bit Reload Timer ch.1
#24
18H
FFFF9CH
Input capture ch.0
#25
19H
FFFF98H
ICR07
0000B7H
Input capture ch.1
#26
1AH
FFFF94H
PPG timer ch.0 counter-borrow
#27
1BH
FFFF90H
ICR08
0000B8H
Output compare match
#29
1DH
FFFF88H
ICR09
0000B9H
PPG timer ch.1 counter-borrow
#31
1FH
FFFF80H
ICR10
0000BAH
Time-base timer
×
#33
21H
FFFF78H
ICR11
0000BBH
UART0 reception end
#35
23H
FFFF70H
ICR12
0000BCH
UART0 transmission end
#36
24H
FFFF6CH
A/D converter conversion termination
#37
25H
FFFF68H
ICR13
0000BDH
I2C Interface
×
#38
26H
FFFF64H
UART1 : Reception
#39
27H
FFFF60H
ICR14
0000BEH
UART1 : Transmission
#40
28H
FFFF5CH
Flash memory status
×
#41
29H
FFFF58H
ICR15
0000BFH
Delayed interrupt output module
×
#42
2AH
FFFF54H
Low


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com