Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 19Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 20Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 21Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 22Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 23Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 24Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 25Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 26Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
MB90800 Series
DS07-13733-6E
23
(Continued)
• Read/Write
• Initial values
Address
Register
abbreviation
Register
Read/
Write
Resource
name
Initial Value
0000AEH
FMCS
Flash control register
R/W
Flash I/F
0 0 0 X 0 0 0 0B
0000AFH
TMCS
Timer clock output control register
R/W
Timer clock
divide
XXXXX 0 0 0B
0000B0H
ICR00
Interrupt control register 00
R/W, W, R
Interrupt
controller
0 0 0 0 0 1 1 1B
0000B1H
ICR01
Interrupt control register 01
R/W, W, R
0 0 0 0 0 1 1 1B
0000B2H
ICR02
Interrupt control register 02
R/W, W, R
0 0 0 0 0 1 1 1B
0000B3H
ICR03
Interrupt control register 03
R/W, W, R
0 0 0 0 0 1 1 1B
0000B4H
ICR04
Interrupt control register 04
R/W, W, R
0 0 0 0 0 1 1 1B
0000B5H
ICR05
Interrupt control register 05
R/W, W, R
0 0 0 0 0 1 1 1B
0000B6H
ICR06
Interrupt control register 06
R/W, W, R
0 0 0 0 0 1 1 1B
0000B7H
ICR07
Interrupt control register 07
R/W, W, R
0 0 0 0 0 1 1 1B
0000B8H
ICR08
Interrupt control register 08
R/W, W, R
0 0 0 0 0 1 1 1B
0000B9H
ICR09
Interrupt control register 09
R/W, W, R
0 0 0 0 0 1 1 1B
0000BAH
ICR10
Interrupt control register 10
R/W, W, R
0 0 0 0 0 1 1 1B
0000BBH
ICR11
Interrupt control register 11
R/W, W, R
0 0 0 0 0 1 1 1B
0000BCH
ICR12
Interrupt control register 12
R/W, W, R
0 0 0 0 0 1 1 1B
0000BDH
ICR13
Interrupt control register 13
R/W, W, R
0 0 0 0 0 1 1 1B
0000BEH
ICR14
Interrupt control register 14
R/W, W, R
0 0 0 0 0 1 1 1B
0000BFH
ICR15
Interrupt control register 15
R/W, W, R
0 0 0 0 0 1 1 1B
0000CAH
FWR0
Flash Program Control Register 0
R/W
Flash I/F
(MB90F803/S
only object)
0 0 0 0 0 0 0 0B
0000CBH
FWR1
Flash Program Control Register 1
R/W
0 0 0 0 0 0 0 0B
0000CCH
SSR0
Sector Conversion Setting Register
R/W
0 0 XXXXX 0B
001FF0H
PADR0
Program address detection register 0
R/W
Address
matching
detection
function
XXXXXXXXB
001FF1H
XXXXXXXXB
001FF2H
XXXXXXXXB
001FF3H
PADR1
Program address detection register 1
R/W
XXXXXXXXB
001FF4H
XXXXXXXXB
001FF5H
XXXXXXXXB
007900H
to
007917H
VRAM
LCD display RAM
R/W
LCD controller/
driver
XXXXXXXXB
R/W : Readable and Writable
R
: Read only
W
: Write only
0
: Initial Value is “0”.
1
: Initial Value is “1”.
X
: Initial Value is Indeterminate.
-
: Unused bit


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com