Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB90800
Description  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90800 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB90800_09 Datasheet HTML 18Page - fujitsu semiconductor MB90800_09 Datasheet HTML 19Page - fujitsu semiconductor MB90800_09 Datasheet HTML 20Page - fujitsu semiconductor MB90800_09 Datasheet HTML 21Page - fujitsu semiconductor MB90800_09 Datasheet HTML 22Page - fujitsu semiconductor MB90800_09 Datasheet HTML 23Page - fujitsu semiconductor MB90800_09 Datasheet HTML 24Page - fujitsu semiconductor MB90800_09 Datasheet HTML 25Page - fujitsu semiconductor MB90800_09 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
MB90800 Series
22
DS07-13733-6E
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000070H
PDCRL0
PDCRL0/PDCRH0 PPG down counter
register
R
16-bit
PPG0
1 1 1 1 1 1 1 1B
000071H
PDCRH0
1 1 1 1 1 1 1 1B
000072H
PCSRL0
PCSRL0/PCSRH0 PPG cycle set
register
W
XXXXXXXXB
000073H
PCSRH0
XXXXXXXXB
000074H
PDUTL0
PDUTL0/PDUTH0 PPG duty setting
register
W
XXXXXXXXB
000075H
PDUTH0
XXXXXXXXB
000076H
PCNTL0
PCNTL0/PCNTH0 PPG control status
register
R/W
- - 0 0 0 0 0 0B
000077H
PCNTH0
0 0 0 0 0 0 0 -B
000078H
PDCRL1
PDCRL1/PDCRH1 PPG down counter
register
R
16-bit
PPG1
1 1 1 1 1 1 1 1B
000079H
PDCRH1
1 1 1 1 1 1 1 1B
00007AH
PCSRL1
PCSRL1/PCSRH1 PPG cycle set
register
W
XXXXXXXXB
00007BH
PCSRH1
XXXXXXXXB
00007CH
PDUTL1
PDUTL1/PDUTH1 PPG duty setting
register
W
XXXXXXXXB
00007DH
PDUTH1
XXXXXXXXB
00007EH
PCNTL1
PCNTL1/PCNTH1 PPG control status
register
R/W
- - 0 0 0 0 0 0B
00007FH
PCNTH1
0 0 0 0 0 0 0 -B
000080H
to
000095H
(Reserved)
000096H
Prohibited
000097H
(Reserved)
000098H
to
00009DH
Prohibited
00009EH
PACSR
ROM correction control register
R/W
ROM Correction
0 0 0 0 0 0 0 0B
00009FH
DIRR
Delayed interrupt source generated/
release register
R/W
Delayed interrupt
- - - - - - - 0B
0000A0H
LPMCR
Low power consumption mode control
register
R/W, W
Low power
consumption
control circuit
0 0 0 1 1 0 0 0B
0000A1H
CKSCR
Clock selector register
R/W, R
1 1 1 1 1 1 0 0B
0000A2H
to
0000A7H
Prohibited
0000A8H
WDTC
Watchdog timer control register
R, W
Watchdog timer
XXXXX 1 1 1B
0000A9H
TBTC
Time-base timer control register
R/W, W
Time-base timer
1 - - 0 0 1 0 0B
0000AAH
WTC
Watch timer control register
R/W, R
Watch timer
(Sub clock)
1 X0 1 1 0 0 0B
0000ABH
to
0000ADH
Prohibited


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com