Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 20 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 20 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 16Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 17Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 18Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 19Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 20Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 21Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 22Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 23Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 24Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
MB90800 Series
20
DS07-13733-6E
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000028H
SMR1
Serial mode register
R/W
UART1
0 0 0 0 0 - 0 0B
000029H
SCR1
Serial control register
R/W, W
0 0 0 0 0 1 0 0B
00002AH
SIDR1/
SODR1
Serial input/output register
R/W
XXXXXXXXB
00002BH
SSR1
Serial data register
R/W, R
0 0 0 0 1 0 0 0B
00002CH
Prohibited
00002DH
CDCR1
Communication prescaler control
register
R/W
Prescaler 1
0 0 - - 0 0 0 0B
00002EH
Prohibited
00002FH
000030H
ENIR
Interrupt/DTP enable
R/W
External interrupt
- - - - 0 0 0 0B
000031H
EIRR
Interrupt/DTP source
R/W
- - - - XXXXB
000032H
ELVR
Request level set register
R/W
0 0 0 0 0 0 0 0B
000033H
Prohibited
000034H
ADCS0
Control status register (lower)
R/W
A/D converter
0 0 - - - - - - B
000035H
ADCS1
Control status register (upper)
W, R/W
0 0 0 0 0 0 0 0B
000036H
ADCR0
Data register (lower)
R
XXXXXXXXB
000037H
ADCR1
Data register (upper)
R, W
0 0 1 0 1 - XXB
000038H
Prohibited
000039H
ADMR
A/D conversion channel set register
R/W
A/D converter
0 0 0 0 0 0 0 0B
00003AH
CPCLR
Compare clear register
R/W
16-bit free-run
timer
XXXXXXXXB
00003BH
XXXXXXXXB
00003CH
TCDT
Timer counter data register
R/W
0 0 0 0 0 0 0 0B
00003DH
0 0 0 0 0 0 0 0B
00003EH
TCCSL
Timer counter control/status register
(lower)
R/W
0 0 0 0 0 0 0 0B
00003FH
TCCSH
Timer counter control/status register
(upper)
R/W
0 - - 0 0 0 0 0B
000040H
to
000043H
Prohibited
000044H
IPCP0
Input capture data register 0
R
Input Capture 0/1
XXXXXXXXB
000045H
XXXXXXXXB
000046H
IPCP1
Input capture data register 1
XXXXXXXXB
000047H
XXXXXXXXB
000048H
ICS01
Control status register
R/W
0 0 0 0 0 0 0 0B
000049H
Prohibited
00004AH
OCCP0
Compare register 0
R/W
Output compare 0
0 0 0 0 0 0 0 0B
00004BH
0 0 0 0 0 0 0 0B
00004CH
OCCP1
Compare register 1
R/W
Output compare 1
0 0 0 0 0 0 0 0B
00004DH
0 0 0 0 0 0 0 0B


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com