Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 17 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 13Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 14Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 15Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 16Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 17Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 18Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 19Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 20Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 21Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
MB90800 Series
DS07-13733-6E
17
■ MEMORY MAP
Memory Map of MB90800 Series
Notes :
• When the ROM mirror function register has been set, the mirror image data at higher addresses
( “FF4000H to FFFFFFH” ) of bank FF is visible from the higher addresses ( “008000H to 00FFFFH”) of
bank 00.
• The ROM mirror function is for using the C compiler small model.
• The lower 16-bit addresses of bank FF are equivalent to those of bank 00. Note that because the ROM
area of bank FF exceeds.
32 Kbytes, all data in the ROM area cannot be shown in mirror image in bank 00.
• When the C compiler small model is used, the data table can be shown as mirror image at “008000H to
00FFFFH ”by storing the data table at “FF8000H to FFFFFFH”. Therefore, data tables in the ROM area
can be referenced without declaring the far addressing with the pointer.
FFFFFFH
00FFFFH
008000H
007917H
007900H
000100H
0000CFH
0000C0H
0000BFH
000000H
* : ROM is not built into MB90V800.
F80000H is ROM decipherment region on the tool side.
Part number
Address
#1Address #2
MB90803/S,
MB90F803/S
0010FFH
FE0000H
MB90F809/S
0028FFH
FD0000H
MB90F804-101/201
0040FFH
FC0000H
MB90V800-101/201
0070FFH
F80000H*
ROM mirror function
ROM area
Address #2
Address #1
ROM mirror area
32 Kbytes
Extended I/O area 2
RAM area
Register
Extended I/O area 1
I/O area


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com