Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 11Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 12Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 13Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 14Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 15Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 16Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 17Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 18Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
MB90800 Series
DS07-13733-6E
15
5.
Treatment of power supply pins (VCC/VSS)
In products with multiple VCC or VSS pins, the pins of the same potential are internally connected in the device
to avoid abnormal operations including latch-up. However, you must connect all power supply pins to external
power supply and a ground line to lower the electro-magnetic emission level, to prevent abnormal operation of
strobe signals caused by the rise in the ground level, and to conform to the total output current rating.
Moreover, connect the current supply source with the VCC and VSS pins of this device at the low impedance.
It is also advisable to connect a ceramic capacitor of approximately 0.1
μF as a bypass capacitor between VCC
and VSS near this device.
6.
About Crystal oscillators circuit
Noise near the X0/X1 pins and X0A/X1A pins may cause the device to malfunction. Design the printed circuit
board so that X0/X1 pins and X0A/X1A pins, the crystal oscillator (or the ceramic oscillator) and the bypass
capacitor to ground are located as close to the device as possible.
It is strongly recommended to design the PC board artwork with the X0/X1 pins and X0A/X1A pins surrounded
by ground plane because stable operation can be expected with such a layout.
Please ask the crystal maker to evaluate the oscillational characteristics of the crystal and this device.
7.
Caution on Operations during PLL Clock Mode
On this microcontroller, if in case the crystal oscillator breaks off or an external reference clock input stops while
the PLL clock mode is selected, a self-oscillator circuit contained in the PLL may continue its operation at its
self-running frequency. However, Fujitsu will not guarantee results of operations if such failure occurs.
8.
Stabilization of Supply Power Supply
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range.Therefore, the VCC supply voltage should be stabilized. For reference, the supply voltage should
be controlled so that VCC ripple variations (peak- to-peak values) at commercial frequencies (50 Hz/60 Hz) fall
below 10
% of the standard VCC supply voltage and the coefficient of fluctuation does not exceed 0.1 V/ms at
instantaneous power switching.
9.
Note on Using the two-subsystem product as one-subsystem product
If you are using only one subsystem of the MB90800 series that come in one two-subsystem product, use it with
X0A
= VSS and X1A = OPEN.
10. Write to FLASH
Ensure that you must write to FLASH at the operating voltage VCC
= 3.0 V to 3.6 V.


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com