Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 5Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 6Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 7Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 8Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 9Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 10Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 11Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 12Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MB90800 Series
DS07-13733-6E
9
(Continued)
Pin No.
Pin Name
I/O
Circuit
Type*
Status/function
at reset
Function
41 to 43
AN5
to
AN7
I
Analog input
(High-Z)
Analog input pin ch.5 to ch.7 of A/D
converter. Enabled when analog input setting is
“enabled”.
P65 to P67
General purpose input/output port.
INT0
to
INT2
Functions as an external interrupt ch.0 to ch.2 input
pin.
45
AN8
I
Analog input pin ch.8 of A/D converter.
Enabled when analog input setting is “enabled”.
P70
General purpose input/output port.
INT3
Functions as an external interrupt ch.3 input pin.
46
AN9
I
Port input
(High-Z)
Analog input pin ch.9 of A/D converter.
Enabled when analog input setting is “enabled”.
P71
General purpose input/output port.
SC1
Serial clock input/output pin of UART ch.1.
It is effective when permitting the serial clock output
of UART ch.1.
47
AN10
I
Analog input pin ch.10 of A/D converter.
Enabled when analog input setting is “enabled”.
P72
General purpose input/output port.
SO1
Serial data output pin of serial I/O ch.1.
Valid when serial data output of serial I/O ch.1 is
enabled.
48
AN11
I
Analog input pin ch.11 of A/D converter.
Enabled when analog input setting is “enabled”.
P73
General purpose input/output port.
SI2
Serial data input pin of serial I/O ch.2.
This pin may be used during serial I/O ch.2 in input
mode, so it cannot use as other pin function.


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com