Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 83 Page - fujitsu semiconductor

Part # MB90800
Description  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90800 Datasheet(HTML) 83 Page - fujitsu semiconductor

Back Button MB90800_09 Datasheet HTML 79Page - fujitsu semiconductor MB90800_09 Datasheet HTML 80Page - fujitsu semiconductor MB90800_09 Datasheet HTML 81Page - fujitsu semiconductor MB90800_09 Datasheet HTML 82Page - fujitsu semiconductor MB90800_09 Datasheet HTML 83Page - fujitsu semiconductor MB90800_09 Datasheet HTML 84Page - fujitsu semiconductor MB90800_09 Datasheet HTML 85Page - fujitsu semiconductor MB90800_09 Datasheet HTML 86Page - fujitsu semiconductor MB90800_09 Datasheet HTML 87Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
MB90800 Series
DS07-13733-6E
83
6.
Definition of A/D Converter Terms
Resolution
Analog variation that is recognized by an A/D converter.
The 10-bit can resolve analog voltage into 210
= 1024.
Total error
This shows the difference between the actual voltage and the ideal value and means a total of error because of
offset error, gain error, non-linearity error and noise.
Linearity error
Deviation between a line across zero-transition line (00 0000 0000
00 0000 0001) and full-scale transition line
(11 1111 1110
11 1111 1111) and actual conversion characteristics.
Differential linear error
Deviation of input voltage, which is required for changing output code by 1 LSB, from an ideal value.
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
(AVRL)
AVCC
(AVRH)
0.5 LSB
1.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Total error
Actual conversion
characteristic
VNT
(measurement value)
Analog input
Total error of digital output N
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
VOT(Ideal value)
= AVSS + 0.5 LSB [V]
VFST(Ideal value)
= AVCC − 1.5 LSB [V]
1LSB(Ideal value)
=
AVCC
− AVSS
1024
[V]
Actual conversion
characteristics
Ideal characteristics
[LSB]
VNT: A voltage at which digital output transitions from (N
− 1)H to NH.
N : A/D converter digital output value


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com