Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 82 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 82 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 78Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 79Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 80Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 81Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 82Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 83Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 84Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 85Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 86Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MB90800 Series
82
DS07-13733-6E
(2) Notes on Using A/D Converter
• About the external impedance of analog input and its sampling time
A/D converter with sample & hold circuit. If the external impedance is too high to keep sufficient sampling time,
the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision. Therefore, to satisfy the A/D conversion precision standard, consider the relation-ship
between the external impedance and minimum sampling time and either adjust the resistor value and operating
frequency or decrease the external impedance so that the sampling time is longer than the minimum value.
And, if the sampling time cannot be sufficient, connect a capacitor of about 0.1
μF to the analog input pin.
• About errors
As | AVCC
− AVSS | becomes smaller, values of relative errors grow larger.
• Analog input circuit model
R
C
Comparator
Analog input
RC
MB90803 (S)
1.9 k
Ω (Max) 32.3 pF (Max)
MB90F804-201(101)/F803(S)/F809(S)
1.9 k
Ω (Max) 25.0 pF (Max)
MB90V800
1.9 k
Ω (Max) 32.3 pF (Max)
Note : The values are reference values.
During sampling : ON
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
MB90803(S)/
MB90V800
MB90F804-201(101)/
MB90F803(S)/
MB90F809(S)
20
18
16
14
12
10
8
6
4
2
0
012
3
45
7
MB90803(S)/
MB90V800
8
MB90F804-201(101)/
MB90F803(S)/
MB90F809(S)
6
(External impedance
= 0 kΩ to 100 kΩ)
(External impedance
= 0 kΩ to 20 kΩ)
Minimum sampling time [
μs]
Minimum sampling time [
μs]
• The relationship between external impedance and minimum sampling time


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com