Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 71 Page - fujitsu semiconductor

Part # MB90800
Description  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90800 Datasheet(HTML) 71 Page - fujitsu semiconductor

Back Button MB90800_09 Datasheet HTML 67Page - fujitsu semiconductor MB90800_09 Datasheet HTML 68Page - fujitsu semiconductor MB90800_09 Datasheet HTML 69Page - fujitsu semiconductor MB90800_09 Datasheet HTML 70Page - fujitsu semiconductor MB90800_09 Datasheet HTML 71Page - fujitsu semiconductor MB90800_09 Datasheet HTML 72Page - fujitsu semiconductor MB90800_09 Datasheet HTML 73Page - fujitsu semiconductor MB90800_09 Datasheet HTML 74Page - fujitsu semiconductor MB90800_09 Datasheet HTML 75Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
MB90800 Series
DS07-13733-6E
71
(Continued)
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : LCD internal divided resistor can be select two type resistor by internal divided resistor selecting bit (LCR) of
LCDC range register (LCRR) .
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current
ICCTS
VCC
VCC
= 3.3 V,
Internal frequency 3 MHz
at timer mode
0.75
7
mA
ICCL
VCC
= 3.3 V,
Internal frequency 8 kHz
at subclock operation,
(TA
= + 25 °C)
15
140
μA
MASK ROM
products
0.5
0.9
mA
Flash
memory
products
ICCLS
VCC
= 3.3 V,
Internal frequency 8 kHz
at subclock sleep operation,
(TA
= + 25 °C)
13
40
μA
ICCT
VCC
= 3.3 V,
Internal frequency 8 kHz
at watch mode
(TA
= + 25 °C)
1.8
40
μA
ICCH
At Stop mode,
(TA
= + 25 °C)
0.8
40
μA
LCD division
resistance
RLCD
VCC
− V3
At LCR
= 0 setting
100
200
400
k
Ω *
VCC
− V3
At LCR
= 1 setting
12.5
25
50
V0
− V1,
V1
− V2,
V2
− V3
At LCR
= 0 setting
50
100
200
V0
− V1,
V1
− V2,
V2
− V3
At LCR
= 1 setting
6.25
12.5
25
COM0 to COM3
output impedance
RVCOM
COM0
to
COM3
V1 to V3
= 3.3 V
⎯⎯
2.5
k
Ω
SEG0 to SEG47
output impedance
RVSEG
SEG0
to
SEG47
⎯⎯
15
k
Ω
LCD leak current
ILCDC
V0 to V3,
COM0
to
COM3,
SEG0
to
SEG47
⎯− 5
⎯+ 5
μA


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com