Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 68 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 68 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 64Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 65Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 66Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 67Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 68Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 69Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 70Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 71Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 72Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
MB90800 Series
68
DS07-13733-6E
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : The parameter is based on VSS
= AVSS = 0.0 V.
*2 : AVCC should not be exceeding VCC at power-on etc.
*3 : VI, VO, should not exceed Vcc + 0.3 V.
*4 : Applicable to pins : P74, P75
*5 : A peak value of an applicable one pin is specified as a maximum output current.
*6 : An average current value of an applicable one pin within 100 ms is specified as an average output current.
(Average value is found by multiplying operating current by operating rate.)
*7 : An average current value of all pins within 100 ms is specified as an average total output current.
(Average value is found by multiplying operating current by operating rate.)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3
VSS
+ 4.0
V
AVCC
VSS
− 0.3
VSS
+ 4.0
V
VCC
≥ AVCC*2
Input voltage*1
VI
VSS
− 0.3
VSS
+ 4.0
V
*3
VSS
− 0.3
VSS
+ 6.0
V
N-ch open-drain
(5 V withstand voltageI/O) *4
Output voltage*1
VO
VSS
− 0.3
VSS
+ 4.0
V
*3
“L” level maximum output current
IOL11
10
mA
Other than P74, P75,
P40 to P47*5
IOL12
30
mA
P74, P75, P40 to P47
(Heavy-current output port) *5
“L” level average output current
IOLAV1
3mA
Other than P74, P75,
P40 to P47*6
IOLAV2
15
mA
P74, P75, P40 to P47
(Heavy-current output port) *6
“L” level maximum total output current
ΣIOL
120
mA
“L” level average total output current
ΣIOLAV
60
mA
*7
“H” level maximum output current
IOH11
− 10
mA
Other than P74, P75,
P40 to P47*5
IOH12
− 12
mA
P40 to P47
(Heavy-current output port) *5
“H” level average output current
IOHAV
− 3mA *6
“H” level maximum total output
current
ΣIOH
− 120
mA
“H” level average total output current
ΣIOHAV
− 60
mA
*7
Power consumption
Pd
351
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
TSTG
− 55
+ 150
°C


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com