Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB90800
Description  16-bit Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90800 Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB90800_09 Datasheet HTML 62Page - fujitsu semiconductor MB90800_09 Datasheet HTML 63Page - fujitsu semiconductor MB90800_09 Datasheet HTML 64Page - fujitsu semiconductor MB90800_09 Datasheet HTML 65Page - fujitsu semiconductor MB90800_09 Datasheet HTML 66Page - fujitsu semiconductor MB90800_09 Datasheet HTML 67Page - fujitsu semiconductor MB90800_09 Datasheet HTML 68Page - fujitsu semiconductor MB90800_09 Datasheet HTML 69Page - fujitsu semiconductor MB90800_09 Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MB90800 Series
66
DS07-13733-6E
19. LCD controller/driver
The LCD controller/driver contains 24
× 8-bit display data memory and controls the LCD display with four common
output lines and 48 segment output lines. Three duty outputs can be selected to directly drive the LCD panel
(liquid crystal display).
• Contains an LCD driving voltage split resistor. Moreover, the external division resistance can be connected.
• A maximum of four common output lines (COM0 to COM3) and 48 segment output lines (SEG0 to SEG47)
are available.
• Contains 24-byte display data memory (display RAM).
• For the duty, 1/2, 1/3, or 1/4 can be selected (restricted by bias setting).
• The LCD can directly be driven.
: Recommended mode
× : Disable
(1) Register list
Bias
1/2 duty
1/3 duty
1/4 duty
1/2 bias
×
×
1/3 bias
×
• LCDC control register (upper) (LCRH)
• LCDC control register (lower) (LCRL)
• LCDC range register (LCRR)
bit
Initial Value
00005DH
00000000B
Read/Write
bit
Initial Value
00005CH
00010000B
Read/Write
bit
Initial Value
00005EH
00000000B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
VS0
R/W
SS4
CS1
CS0
SS3
SS2
SS1
SS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
LCEN
R/W
CSS
VSEL
BK
MS1
MS0
FP1
FP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
R/W
SE4
SE3
SE2
SE1
SE0
LCR
Reserved
Reserved


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com