Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 46Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 47Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 48Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 49Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 50Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 51Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 52Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 53Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 54Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
MB90800 Series
50
DS07-13733-6E
10. 16-bit reload timer
The 16-bit reload timer provides two functions either one which can be selected, the internal clock mode that
performs the count down by synchronizing with 3-type internal clocks and the event count mode that performs
the count down by detecting the arbitration. This timer defines an underflow as a transition of the count value
from 0000H to FFFFH. Therefore, when the equation (counted value
= reload register setting value+1) holds, an
underflow occurs. Either mode can be selected for the count operation from the reload mode which repeats the
count by reloading the count setting value at the underflow occurrence or the one-shot mode which stops the
count at the underflow occurrence. The interrupt can be generated at the counter underflow occurrence so as
to correspond to the DTC.
(1) Register list
• TMCSR Timer control status register
Timer control status register (upper) (TMCSR0H to TMCSR2H)
Timer control status register (lower) (TMCSR0L to TMCSR2L)
• 16-bit timer register/16-bit reload register TMR0 to TMR2/TMRLR0 to TMRLR2 (upper)
TMR0 to TMR2/TMRLR0 to TMRLR2 (lower)
- : Unused
bit
Initial Value
000051H
000055H
000059H
- - - - 0000B
Read/Write
bit
Initial Value
000050H
000054H
000058H
00000000B
Read/Write
bit
Initial Value
000053H
000057H
00005BH
XXXXXXXXB
Read/Write
bit
Initial Value
000052H
000056H
00005AH
XXXXXXXXB
Read/Write
⎯⎯
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
⎯⎯
CSL1
CSL0
MOD2
MOD1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
OUTE
R/W
MOD0
OUTL
RELD
INTE
UF
CNTE
TRG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
D14
R/W
D15
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
D6
R/W
D7
D5
D4
D3
D2
D1
D0


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com