Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 48 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 48 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 44Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 45Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 46Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 47Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 48Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 49Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 50Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 51Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 52Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
MB90800 Series
48
DS07-13733-6E
(3) Input capture
The input capture consists of input capture and control registers. Each input capture has its corresponding
external input pin.
This module has a function that detects a rising edge, falling edge or both edges and holds a value of the 16-
bit free-run timer in a register at the time of detection. It can also generate an interrupt when detecting an edge.
• The detection edge of an external input can be selected from among three types. Rising edge/falling edge/
both edges.
• It can generate an interrupt when it detects the valid edge of the external input.
• Register list
Input capture data register (IPCP0, IPCP1)
Control status register (ICS01)
000045H
000047H
Initial Value
XXXXXXXXB
Read/Write
000044H
000046H
Initial Value
XXXXXXXXB
Read/Write
000048H
Initial Value
00000000B
Read/Write
15
bit
14
13
12
11
10
9
8
R
R
R
R
R
R
R
R
CP14
CP15
CP13
CP12
CP11
CP10
CP09
CP08
7
bit
65
4
3
21
0
R
R
R
R
R
R
R
R
CP06
CP07
CP05
CP04
CP03
CP02
CP01
CP00
7
bit
65
4
3
21
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ICP0
ICP1
ICE1
ICE0
EG11
EG10
EG01
EG00


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com