Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 41 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 41 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 37Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 38Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 39Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 40Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 41Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 42Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 43Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 44Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 45Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
MB90800 Series
DS07-13733-6E
41
8.
DTP/External interrupt
DTP (Data Transfer Peripheral)/External interrupt circuit detects the interrupt request input from the external
interrupt input terminal, and outputs the interrupt request.
(1) Register list
(2) Block diagram
Interrupt/DTP enable register (ENIR)
Interrupt/DTP source register (EIRR)
Request level setting register (ELVR)
- : Unused
ENIR
bit
Initial Value
Address : 000030H
- - - - 0000B
Read/Write
EIRR
bit
Initial Value
Address : 000031H
- - - - XXXXB
Read/Write
ELVR
bit
Initial Value
Address : 000032H
00000000B
Read/Write
76
5
4
3
2
1
0
⎯⎯⎯⎯
R/W
R/W
R/W
R/W
⎯⎯
EN3
EN2
EN1
EN0
15
14
13
12
11
10
9
8
⎯⎯⎯
R/W
R/W
R/W
R/W
⎯⎯
ER3
ER2
ER1
ER0
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LA3
LB3
LB2
LA2
LB1
LA1
LB0
LA0
4
4
4
8
4
F2MC-16LX bus
Interrupt/DTP enable register
Gate
Source F/F
Edge detection circuit
Request input
Interrupt/DTP source register
Request level setting register


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com