Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90800 Datasheet(PDF) 35 Page - Fujitsu Component Limited.

Part # MB90800
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90800 Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Back Button MB90800_09 Datasheet HTML 31Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 32Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 33Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 34Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 35Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 36Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 37Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 38Page - Fujitsu Component Limited. MB90800_09 Datasheet HTML 39Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
MB90800 Series
DS07-13733-6E
35
5.
8/10-bit A/D converter
The feature of 8/10-bit A/D converter is shown as follows.
• conversion time : 3.1
μs minimum per 1 channel
(78 machine cycle/at machine clock 25 MHz/including the sampling time)
• Sampling time : 2.0
μs minimum per 1channel
(50 machine cycle/at machine clock 25 MHz)
• Uses RC-type successive approximation conversion method with a sample & hold circuit
• 8-bit resolution or 10-bit resolution can be select.
• 12 channel program-selectable analog inputs.
Single conversion mode
: Convert specified 1 channel
Scan conversion mode
: Continuous plural channels (maximum 12 channels can be programmed) are
converted.
Continuous conversion mode : Selected channel converted continuously.
Stop conversion time
: Perform conversion for one channel, then pause it to wait for the next activation
trigger (synchronizes the conversion start timing)
•EI2OS can be activated by outputting the interrupt request when the A/D conversion completes.
• If the A/D conversion is performed under the condition of the interrupt enable, the converting data will be
protected.
• Selectable conversion activation trigger : Software, or reload timer (rising edge)
(1) Register list
ADCS1, ADCS0 (Control status register)
ADCR1, ADCR0 (Data register)
- : Unused
ADCS0
bit
Initial Value
Address : 000034H
00 - - - - - - B
Read/Write
ADCS1
bit
Initial Value
Address : 000035H
00000000B
Read/Write
ADCR0
bit
Initial Value
Address : 000036H
XXXXXXXXB
Read/Write
ADCR1
bit
Initial Value
Address : 000037H
00101 - XXB
Read/Write
R/W
⎯⎯
76
5
4
3
2
1
0
MD0
R/W
MD1
⎯⎯⎯⎯
⎯⎯
R/W
R/W
R/W
R/W
R/W
W
R/W
15
14
13
12
11
10
9
8
INT
R/W
BUSY
INTE
PAUS
STS1
STS0
STRT
Reserved
RR
R
R
R
R
R
76
5
4
3
2
1
0
D6
R
D7
D5
D4
D3
D2
D1
D0
WWW
W
RR
15
14
13
12
11
10
9
8
ST1
W
S10
ST0
CT1
CT0
D9
D8


Similar Part No. - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90800_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com