Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMR00201 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # HDMR00201
Description  7/8 with cable, angled
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

HDMR00201 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  HDMR00201 Datasheet HTML 1Page - SHIELD s.r.l. HDMR00201 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version 091028
CONNECTORS | CONNETTORI
HDM
www.shield.net
45-35
B
cable code
codice cavo
(b1)
max
current
corrente
max
A @ 40°C
(b2)
voltage
drop
caduta
di tensione
V @ 1A x 1m
(b2)
wires x size
fili x sezione
n x mm2
(b3)
cable
material
materiale
cavo
reference
riferimento
sheath
colour
colore
guaina
RAL
wire
colour
colore
fili
(a2) (b4)
cable
class
classe
cavo
cable
temperature
temperatura
cavo
°C
cable
data sheet
scheda
cavo
516
8,7
0,06
2 x 0,75
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
503
8,7
0,06
2 x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
527
8,7
0,06
2 x 0,75
pvc
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
MN-TK
618
10,4
0,05
2 x 1,0
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
624
10,4
0,05
2 x 1,0
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
607
10,4
0,05
2 x 1,0
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
701
12,0
0,03
2 x 1,5
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
A11
12,0
0,02
2 x 2,5
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
517
8,7
0,06
(2+1) x 0,75
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
537
8,7
0,06
(2+1) x 0,75
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
501
8,7
0,06
(2+1) x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
526
8,7
0,06
(2+1) x 0,75
silicone
--
rd 3016
A
5
-60...+180
MS-GK
616
10,4
0,05
(2+1) x 1,0
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
602
10,4
0,05
(2+1) x 1,0
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
625
10,4
0,05
(2+1) x 1,0
silicone
--
rd 3016
A
5
-60...+180
MS-GK
703
12,0
0,03
(2+1) x 1,5
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
770
12,0
0,03
(2+1) x 1,5
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
A12
12,0
0,02
(2+1) x 2,5
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
507
8,7
0,06
3 x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
623
10,4
0,05
3 x 1,0
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
704
12,0
0,03
3 x 1,5
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
773
12,0
0,03
3 x 1,5
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
442
7,0
0,09
(3+1) x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
506
8,7
0,06
(3+1) x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
590
8,7
0,06
(3+1) x 0,75
silicone
--
rd 3016
B
5
-60...+180
MS-GK
628
9,0
0,05
(3+1) x 1,0
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
6C1
9,0
0,05
(3+1) x 1,0
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
708
12,0
0,03
(3+1) x 1,5
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
771
12,0
0,03
(3+1) x 1,5
pvc
FROR IMQ
gy 7035
A
5
-15...+ 70
MN-PK
A13
12,0
0,02
(3+1) x 2,5
pvc
FROR IMQ
gy 7035
B
5
-15...+ 70
MN-PK
446
7,0
0,09
4 x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
525
8,7
0,06
4 x 0,75
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
478
7,0
0,09
(4+1) x 0,50
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
445
7,0
0,09
(4+1) x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
547
8,7
0,06
(4+1) x 0,75
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
538
8,7
0,06
(4+1) x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
577
8,7
0,06
5 x 0,75
pvc
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
MN-TK
629
9,0
0,05
5 x 1,0
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
533
8,7
0,06
(5+1) x 0,75
pvc
IEC 60332-3A
gy 7035
C
5
-15...+ 70
MN-BK
424
7,0
0,09
6 x 0,50
pvc
IEC 60332-3A
gy 7035
C
5
-15...+ 70
MN-BK
532
8,7
0,06
6 x 0,75
pvc
IEC 60332-3A
gy 7035
C
5
-15...+ 70
MN-BK
6N1
9,0
0,05
6 x 1,0
pvc
IEC 60332-3A
gy 7035
C
5
-15...+ 70
MN-BK
228
3,5
0,18
14 x 0,25
pvc
IEC 60332-3A
gy 7035
C
5
-15...+ 70
MN-BK
248
.3,5
0,18
14 x 0,25
pur pvc
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
MF-TK
(b1) other cables are available on request such as: irradiated pur, teflon, shielded cables, etc. (see cable catalogue);
altri cavi sono disponibili a richiesta come: pur irradiato, teflon, cavi schermati, ecc. (vedere catalogo cavi).
(b2) IEC norms allow maximum values drop on the cable from 3% to 5% of rated voltage (for calculation see Technical Information);
le norme IEC ammettono valori massimi di caduta sul cavo dal 3% al 5% della tensione nominale (per il calcolo vedere Informazioni Tecniche).
(b3) example: 3 = three wires; 4+1 = four wires + green/yellow ground; s = shielding.
esempio: 3 = tre conduttori; 4+1 = quattro conduttori + terra giallo/verde; s = schermo.
(b4) wires colour: A = bn, bu (2 wires), bn, bu, bk (3 wires), bn, bu, bk, wh (4 wires), bn, bu, bk, wh, gy or gn/ye (5 wires); B = bn, gy, bk, gn/ye; C = din 47100; N = numbered wires.
colore fili: A = bn, bu (2 fili), bn, bu, bk (3 fili), bn, bu, bk, wh (4 fili), bn, bu, bk, wh, gy o gn/ye (5 fili); B = bn, gy, bk, gn/ye; C = din 47100; N = fili numerati.
C
length code
codice lunghezza
(c1)
1000
1500
2000
3000
5000
8000
MT10
MT15
MT20
cable length
lunghezza cavo
m
1
1,5
2
3
5
8
10
15
20
(c1) any cable length is possible for orders over 100 pieces; for extension cables lengths of 0,3 and 0,6 m are available as well;
possibile qualsiasi lunghezza di cavo per ordini superiori a 100 pezzi; per le prolunghe sono disponibili anche le lunghezze di 0,3 e 0,6 m.
D
variant code
codice variante
empty space or 000
spazio vuoto o 000
005
other characteristics on request
altre caratteristiche a richiesta
no variant
nessuna variante
stainless steel hexagonal nut
ghiera esagonale acciaio inox
E
second side
secondo lato
(e1)
empty space
spazio vuoto
HDLF
HDLH
HDLM
HDLR
description
descrizione
only stripped cable
solo cavo sguainato
female contact,
7/8” female thread
contatto femmina,
filetto femmina 7/8”
female contact,
7/8” male thread
contatto femmina,
filetto maschio 7/8”
male contact,
7/8” male thread
contatto maschio,
filetto maschio 7/8”
male contact,
7/8” female thread
contatto maschio,
filetto femmina 7/8”
photo
foto
wires connection
collegamento fili
--
standard connection pin to pin, other connections on request;
collegamento standard terminale a terminale, altri collegamenti a richiesta.
(e1) to verify second head characteristics, see respective product data sheets;
per verificare le caratteristiche della seconda testa, vedere le rispettive schede prodotto.


Similar Part No. - HDMR00201

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDMR-19-01-S-SM-PF SAMTEC-HDMR-19-01-S-SM-PF Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
HDMR-19-02-S-SM SAMTEC-HDMR-19-02-S-SM Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
HDMR-29-01-S-SM SAMTEC-HDMR-29-01-S-SM Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
logo
Zoran Corporation
HDMR1 ZORAN-HDMR1 Datasheet
296Kb / 2P
   HDMI Receiver IP Core
More results

Similar Description - HDMR00201

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDLF00201 SHIELD-HDLF00201 Datasheet
367Kb / 4P
   7/8 with cable, straight
logo
WAGO Kontakttechnik Gmb...
787-6716-9600-000 WAGO-787-6716-9600-000 Datasheet
75Kb / 3P
   Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, angled
787-6716-9800-000 WAGO-787-6716-9800-000 Datasheet
57Kb / 3P
   Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, angled
logo
SHIELD s.r.l.
REMF05100 SHIELD-REMF05100 Datasheet
176Kb / 2P
   M8 with cable, angled
logo
WAGO Kontakttechnik Gmb...
756-3106-040-070 WAGO-756-3106-040-070 Datasheet
219Kb / 3P
   Power cable; M12A socket; angled; M12A plug; angled; 4-pole; Length: 7 m
23.11.2021
logo
SHIELD s.r.l.
REQF05100 SHIELD-REQF05100 Datasheet
170Kb / 2P
   M8 with cable, angled, snap-in
RDMF06100 SHIELD-RDMF06100 Datasheet
360Kb / 4P
   M12, coding A, with cable, angled
logo
MOSDESIGN SEMICONDUCTOR...
M2387 MOSDESIGN-M2387 Datasheet
97Kb / 1P
   WITH 7 LEDS 8 SOUNDS 8 KEYS
2012-04-13
logo
WAGO Kontakttechnik Gmb...
787-6716-9510-015 WAGO-787-6716-9510-015 Datasheet
153Kb / 3P
   Supply cable, pre-assembled, 7/8 inch; 7/8 inch; 5-pole; Plug, straight;
787-6716-9310-050 WAGO-787-6716-9310-050 Datasheet
153Kb / 3P
   Supply cable, pre-assembled, 7/8 inch; 7/8 inch; 3-pole; Socket, straight;
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com