Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3386 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3386
Description  3/8 Square Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3386 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3386_06 Datasheet HTML 1Page - Bourns Electronic Solutions 3386_06 Datasheet HTML 2Page - Bourns Electronic Solutions 3386_06 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3.05
± .38
(.120
± .015)
Common Dimensions
Top Adjust Models M,T
3386F
5.08
(.200)
2.24
± .38
(.088
± .015)
31
2
3386K
90
° ± 3°
2.54
± .25
(.100
± .010)
2
31
3386M
3386P
4.78
± .38
(.188
± .015)
2
13
1
3
2
3386R
1.22
± .38
(.048
± .015)
3386T
12 3
.76
± .38
(.030
± .015)
3386U
32 1
2
31
3.05
± .38
(.120
± .015)
3386Y
2
31
9.53
(.375)
9.53
(.375)
4.83
(.190)
5.97
± .89
(.235
± .035)
.51
± .05
(.020
± .002)
5.33
(.210)
.38
(.015)
5.08
(.200)
MIN.
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2 PLCS.
2.54
(.100)
2.54
(.100)
2.54
(.100)
3.81
(.150)
3.81
(.150)
3.81
(.150)
3.81
(.150)
4.78
± .38
(.188
± .015)
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
WIDE
X
X
DEEP
LONG
Common Dimensions
Top Adjust Models F,G,K,P,R,U,V,Y
9.53
(.375)
9.53
(.375)
4.83
(.190)
5.97
± .89
(.235
± .035)
.51
± .05
(.020
± .002)
5.64
(.222)
.38
(.015)
MIN.
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
WIDE
X
X
DEEP
LONG
3386G
3.56
± 0.38
(.140
± .015)
10.16
(0.40)
ADJ. SLOT
.76
(.030)
.97
(.038)
3.05
(.120)
COMMON TO
3386V
WIDE
X
X
DEEP
LONG
3
12
3386V
1.40
(.055)
2.54
(.100)
2.54
(.100)
2.54
(.100)
5.64
(.222)
3.56
± .38
(.140
± .015)
2.54
(.100)
2.54
(.100)
13
2
The Model 3386 is available with a knob for finger
adjustment. Add suffix letter "T" to order code for
F, P and X terminal styles.
5.59
(.220)
4.83
(.190)
10.41
± .51
(.410
± .020)
6.60
(.260)
8.38
(.330)
ADJ. SLOT
5.59
(.220)
1.02
(.040)
1.40
(.055)
WIDE
X
X
DEEP
LONG
31
2
1.40
(.055)
2.54
(.100)
3.71
(.146)
2.54
(.100)
2.54
(.100)
7.87
(.310)
3.71
(.146)
7.87
(.310)
ADJ. SLOT
.76
(.030)
2.54
(.100)
3.71
(.146)
WIDE
X
X
DEEP
LONG
3386H-EY5
3386X-EY5 – SHOWN
3386P-EY5
4.78
(.188)
1
3
2
2.54
(.100)
2.54
(.100)
2.54
(.100)
1
3 CW
CLOCKWISE
CCW
2 WIPER
3386 - 3/8 ” Square Trimming Potentiometer
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED


Similar Part No. - 3386_06

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3386-P-100 DBLECTRO-3386-P-100 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-101 DBLECTRO-3386-P-101 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-102 DBLECTRO-3386-P-102 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-103 DBLECTRO-3386-P-103 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-104 DBLECTRO-3386-P-104 Datasheet
450Kb / 1P
Square Trimming Potentiometer
More results

Similar Description - 3386_06

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
3/8 Square Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bourns Electronic Solut...
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
3/8??Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
3/8 ??Square Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
3/8 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com